Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FES200ZG-A Datasheet(PDF) 3 Page - Power-One

Part # FES200ZG-A
Description  300 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FES200ZG-A Datasheet(HTML) 3 Page - Power-One

  FES200ZG-A Datasheet HTML 1Page - Power-One FES200ZG-A Datasheet HTML 2Page - Power-One FES200ZG-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C105
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that
you prefer and add them to the model number. Example ordering options are located below the
options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, LES, QBS,
QES, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, QBS, QES
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and
0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - FES200ZG-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FES26A ETC-FES26A Datasheet
47Kb / 2P
   1 Amp. Surface Mounted Very Fast Soft Recovery Glass Passivated Avalanche Diode
FES26C ETC-FES26C Datasheet
47Kb / 2P
   1 Amp. Surface Mounted Very Fast Soft Recovery Glass Passivated Avalanche Diode
FES2A ETC1-FES2A Datasheet
51Kb / 2P
   2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FES2B ETC1-FES2B Datasheet
51Kb / 2P
   2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FES2D ETC1-FES2D Datasheet
51Kb / 2P
   2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
More results

Similar Description - FES200ZG-A

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
   TFI 300 Series, 300 Watt
Rev. July 7, 2021
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
   300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
   300 WATT TVS ARRAY
logo
Innovative Power Produc...
IPP-RB213-150 IPP-IPP-RB213-150 Datasheet
62Kb / 1P
   RESISTOR, 300 WATT FLANGE
logo
Protek Devices
PSOT15KCA PROTEC-PSOT15KCA_11 Datasheet
635Kb / 6P
   300 WATT TVS ARRAY
logo
Innovative Power Produc...
IPP-RB113-50 IPP-IPP-RB113-50 Datasheet
51Kb / 1P
   RESISTOR, 300 WATT, FLANGELESS
IPP-TB305-50 IPP-IPP-TB305-50 Datasheet
64Kb / 1P
   TERMINATION, 300 WATT, CONNECTORIZED
IPP-RB214LC-25 IPP-IPP-RB214LC-25 Datasheet
56Kb / 1P
   RESISTOR, 300 WATT FLANGE
logo
Molex Electronics Ltd.
1301910055 MOLEX11-1301910055 Datasheet
27Kb / 1P
   Lamp 300 Watt Halogen
130191-0055 MOLEX11-130191-0055 Datasheet
35Kb / 1P
   Lamp 300 Watt Halogen
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com