Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071MPUFD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3071MPUFD-TRPBF
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071MPUFD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3071MPUFD-TRPBF Datasheet HTML 6Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 7Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 8Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 9Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 10Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 11Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 12Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 13Page - Linear Technology LT3071MPUFD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3071
0
3071f
typicAl perFormAnce chArActeristics
VIOC Amplifier Output Current
vs Temperature
Transient Load Response
Bias Voltage Line Transient
Response
VIOC Amplifier IN-to-OUT Servo
Voltage
Transient Load Response
Transient Load Response
Transient Load Response
VOUT
10mV/DIV
VBIAS
200mV/DIV
20µs/DIV
VIN = 1.3V
VBIAS = 2.5V
VOUT = 1V
IOUT = 5A
COUT = 16.9µF
3071 G43
TEMPERATURE (°C)
–75
310
330
350
125
3071 G44
290
270
300
320
340
280
260
250
–25
–50
25
0
75 100
150
50
175
VBIAS = 2.5V
TEMPERATURE (°C)
150
200
250
300
175
225
275
–25
25
75
125
3071 G45
175
–50
–75
0
50
100
150
IVIOC SOURCING
IVIOC SINKING
VOUT
50mV/DIV
AC-COUPLED
IOUT
2A/DIV
∆I = 500mA
TO 5A
20µs/DIV
VOUT = 1V
COUT = 10µF + 4.7µF + 2.2µF
IOUT tRISE/tFALL = 100ns
3071 G46
VOUT
50mV/DIV
AC-COUPLED
IOUT
2A/DIV
∆I = 500mA
TO 5A
20µs/DIV
VOUT = 1V
COUT = 117µF
IOUT tRISE/tFALL = 100ns
3071 G47
VOUT
50mV/DIV
AC-COUPLED
IOUT
2A/DIV
∆I = 500mA
TO 5A
20µs/DIV
VOUT = 1V
COUT = 10µF + 4.7µF + 2.2µF
IOUT tRISE/tFALL = 1µs
3071 G48
VOUT
50mV/DIV
AC-COUPLED
IOUT
2A/DIV
∆I = 500mA
TO 5A
20µs/DIV
VOUT = 1V
COUT = 117µF
IOUT tRISE/tFALL = 1µs
3071 G49


Similar Part No. - LT3071MPUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3071 LINER-LT3071 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3071 LINEAR-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3071 LINER-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3071MPUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com