Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3050MPMSE-3.3-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3050MPMSE-3.3-TR
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050MPMSE-3.3-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3050MPMSE-3.3-TR Datasheet HTML 6Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 7Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 8Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 9Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 10Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 11Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 12Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 13Page - Linear Technology LT3050MPMSE-3.3-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT3050 Series
10
3050fa
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
SHDN Transient Response
CREF/BYP = 10nF
External Current Limit
RIMAX = 2.26k
Transient Response (Load Dump)
SHDN Transient Response
CREF/BYP =0
OUT
5V/DIV
IL=100mA
REF/BYP
500mV/DIV
SHDN
1V/DIV
2ms/DIV
3050 G30
OUT
5V/DIV
IL = 100mA
REF/BYP
500mV/DIV
SHDN
1V/DIV
2ms/DIV
3050 G31
TEMPERATURE (°C)
52.8
50.3
50.8
51.3
51.8
52.3
49.3
49.8
3050 G34
47.8
48.3
48.8
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 5V
VIN = 5.6V
VIN = 12V
VIN = 15V
3050 G29
VOUT
20mV/DIV
VIN
10V/DIV
1ms/DIV
45V
12V
VOUT = 5V
IOUT = 50mA
COUT = 2.2μF
VOUT = 5V
50mV/DIV
IOUT
50mA/DIV
100μs/DIV
3050 G28a
VIN = 6V
COUT = CIN = 10μF
IFB-DIVIDER = 10μA
VOUT = 5V
20mV/DIV
IOUT
50mA/DIV
100μs/DIV
3050 G28b
VIN = 6V
COUT = CIN = 10μF
IFB-DIVIDER = 10μA
5V Transient Response
CFF = 0, IOUT = 10mA to 100mA
5V Transient Response
CFF = 10nF, IOUT = 10mA to 100mA
TEMPERATURE (°C)
52.0
52.4
52.8
53.2
53.6
54.0
50.8
51.2
51.6
50.4
3050 G34a
48.8
49.6
50.0
49.2
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 3.3V
VIN = 13.3V
VIN = 3.9V
TEMPERATURE (°C)
79.60
80.35
81.10
77.35
78.10
78.85
76.60
3050 G35a
73.60
75.10
75.85
74.35
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 3.3V
VIN = 13.3V
VIN = 3.9V
TEMPERATURE (°C)
104
105
106
101
102
103
100
3050 G36a
96
98
99
97
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 3.3V
VIN = 13.3V
VIN = 3.9V
External Current Limit
RIMAX = 2.26k
External Current Limit
RIMAX = 1.5k
External Current Limit
RIMAX = 1.15k


Similar Part No. - LT3050MPMSE-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050MPMSE LINER-LT3050MPMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050MPMSEPBF LINER-LT3050MPMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050MPMSETR LINER-LT3050MPMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050MPMSETRPBF LINER-LT3050MPMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050MPMSE-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com