Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071MPUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LT3071MPUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071MPUFD Datasheet(HTML) 1 Page - Linear Technology

  LT3071MPUFD Datasheet HTML 1Page - Linear Technology LT3071MPUFD Datasheet HTML 2Page - Linear Technology LT3071MPUFD Datasheet HTML 3Page - Linear Technology LT3071MPUFD Datasheet HTML 4Page - Linear Technology LT3071MPUFD Datasheet HTML 5Page - Linear Technology LT3071MPUFD Datasheet HTML 6Page - Linear Technology LT3071MPUFD Datasheet HTML 7Page - Linear Technology LT3071MPUFD Datasheet HTML 8Page - Linear Technology LT3071MPUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3071

3071f
ApplicAtions
n
FPGAandDSPSupplies
n
ASICandMicroprocessorSupplies
n
ServersandStorageDevices
n
PostBuckRegulationandSupplyIsolation
typicAl ApplicAtion
Description
5A, Low Noise,
Programmable Output, 85mV
Dropout Linear Regulator
with Analog Margining
TheLT®3071isalowvoltage,UltraFast™transientre-
sponselinearregulator.Thedevicesuppliesupto5Aof
outputcurrentwithatypicaldropoutvoltageof85mV.
A 0.01µF reference bypass capacitor decreases output
voltagenoiseto25µVRMS.TheLT3071’shighbandwidth
permitstheuseoflowESRceramiccapacitors,saving
bulkcapacitanceandcost.TheLT3071’sfeaturesmake
itidealforhighperformanceFPGAs,microprocessorsor
sensitivecommunicationsupplyapplications.
Outputvoltageisdigitallyselectablein50mVincrements
overa0.8Vto1.8Vrange.Ananalogmarginingfunction
allowstheusertoadjustsystemoutputvoltageovera
continuous±10%range.TheICincorporatesaunique
trackingfunctiontocontrolabuckregulatorpowering
theLT3071’sinput.Thistrackingfunctiondrivesthebuck
regulatortomaintaintheLT3071’sinputvoltagetoVOUT
+300mV,minimizingpowerdissipation.
InternalprotectionincludesUVLO,reverse-currentprotec-
tion,precisioncurrentlimitingwithpowerfoldbackand
thermalshutdown.TheLT3071regulatorisavailableina
thermallyenhanced28-lead,4mm
×5mmQFNpackage.
0.9V, 5A Regulator
FeAtures
n
Output Current: 5A
n
Dropout Voltage: 85mV Typical
n
Digitally Programmable VOUT: 0.8V to 1.8V
n
Analog Output Margining: ±10% Range
n
Low Output Noise: 25µVRMS (10Hz to 100kHz)
n
Parallel Multiple Devices for 10A or More
n
Precision Current Limit: ±20%
n
OutputCurrentMonitor:IMON=IOUT/2500
n
±1%AccuracyOverLine,LoadandTemperature
n
StablewithLowESRCeramicOutputCapacitors
(15µFMinimum)
n
HighFrequencyPSRR:30dBat1MHz
n
EnableFunctionTurnsOutputOn/Off
n
VIOCPinControlsBuckConvertertoMaintainLow
PowerDissipationandOptimizeEfficiency
n
PWRGD/UVLO/ThermalShutdownFlag
n
CurrentLimitwithFoldbackProtection
n
ThermalShutdown
n
28-Lead(4mm
×5mm×0.75mm)QFNPackage
Dropout Voltage
L
,LT,LTC,LTM,LinearTechnologyandtheLinearlogoareregisteredtrademarksofLinear
TechnologyCorporation.UltraFastandVLDOaretrademarksofLinearTechnologyCorporation.
Allothertrademarksarethepropertyoftheirrespectiveowners.Patentspending.
OUTPUT CURRENT (A)
0
90
120
150
4
3071 TA01b
60
30
0
1
2
3
5
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 2.5V
VIN = VOUT(NOMINAL)
BIAS
50k
LT3071
IN
EN
VO0
VO1
330µF
2.2µF
2.2µF*
0.01µF
1k
*X5R OR X7R CAPACITORS
1nF
NC
4.7µF*
3071 TA01a
10µF*
PWRGD
VOUT
0.9V
5A
VMON
2V AT 5A
FULL SCALE
VO2
MARGA
VIOC
SENSE
OUT
VBIAS
2.2V TO 3.6V
VIN
1.2V
PWRGD
REF/BYP
IMON
GND


Similar Part No. - LT3071MPUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3071 LINER-LT3071 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3071 LINEAR-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3071 LINER-LT3071 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3071 LINER-LT3071 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3071MPUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com