Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3579EFE-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3579EFE-PBF
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579EFE-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3579EFE-PBF Datasheet HTML 1Page - Linear Technology LT3579EFE-PBF Datasheet HTML 2Page - Linear Technology LT3579EFE-PBF Datasheet HTML 3Page - Linear Technology LT3579EFE-PBF Datasheet HTML 4Page - Linear Technology LT3579EFE-PBF Datasheet HTML 5Page - Linear Technology LT3579EFE-PBF Datasheet HTML 6Page - Linear Technology LT3579EFE-PBF Datasheet HTML 7Page - Linear Technology LT3579EFE-PBF Datasheet HTML 8Page - Linear Technology LT3579EFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LT3579/LT3579-1
5
35791f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit
vs Temperature
Commanded Switch Current vs SS
Positive Feedback Voltage
Oscillator Frequency
Oscillator Frequency During
Soft-Start
CLKOUT Duty Cycle
Switch Current Limit
Switch Saturation Voltage
Switch Current Sharing
DUTY CYCLE (%)
20
0
6
7
8
9
5
4
3
2
1
10
60
70
80
30
40
35791 G01
50
SW1 + SW2 CURRENT (A)
0
0
300
250
150
200
100
50
350
45678
12
35791 G02
3
VSW1 = VSW2
SW1 CURRENT (A)
0
0.0
0.1
0.8
0.9
0.6
0.7
0.4
0.5
0.2
0.3
1.0
3
3.5
4
1
1.5
0.5
35791 G03
2
2.5
TEMPERATURE (°C)
–50
0
8
9
7
6
5
4
3
2
1
10
–25
75
100 125 150
025
35791 G04
50
TA = 25°C, unless otherwise noted.
SS VOLTAGE (V)
0
0
9
5
6
7
8
4
3
2
1
10
0.6
0.8
1
1.2
0.2
35791 G05
0.4
TEMPERATURE (°C)
–50
1.2
1.225
1.22
1.215
1.21
1.205
1.23
–25
50
75
100 125 150
0
35791 G06
25
TEMPERATURE (°C)
–50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
–25
100 125 150
025
50
35791 G07
75
RT = 432k
RT = 34k
FB VOLTAGE (V)
0
0
1/6
1/5
1/4
1/3
1/2
1
0.6
0.8
1
1.2
0.2
0.4
35791 G08
BOOSTING
CONFIGURATIONS
INVERTING
CONFIGURATIONS
TEMPERATURE (°C)
–50
0
70
60
50
40
30
20
80
–25
75
100 125 150
025
35791 G09
50


Similar Part No. - LT3579EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3579EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com