Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3581 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3581
Description  3.3A Boost/Inverting DC/DC Converter with Fault Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3581 Datasheet(HTML) 5 Page - Linear Technology

  LT3581 Datasheet HTML 1Page - Linear Technology LT3581 Datasheet HTML 2Page - Linear Technology LT3581 Datasheet HTML 3Page - Linear Technology LT3581 Datasheet HTML 4Page - Linear Technology LT3581 Datasheet HTML 5Page - Linear Technology LT3581 Datasheet HTML 6Page - Linear Technology LT3581 Datasheet HTML 7Page - Linear Technology LT3581 Datasheet HTML 8Page - Linear Technology LT3581 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LT3581

3581f
Typical perForMance characTerisTics
Switch Fault Current Limit vs
Temperature
Positive Feedback Voltage
vs Temperature
CLKOUT Duty Cycle
vs Temperature
Oscillator Frequency
Frequency Foldback
Gate Current vs Gate Voltage
Switch Fault Current Limit vs
Duty Cycle
Switch Saturation Voltage with
SW1 and SW2 Tied Together
Current Sharing Between SW1 and
SW2 When Tied Together
TA = 25°C, unless otherwise noted.
DUTY CYCLE (%)
20
0
1
2
3
4
30
50
70
80
3581 G01
5
6
40
60
SW1 + SW2 CURRENT (A)
0
200
250
300
5
4
3581 G02
150
100
0
3
2
1
50
450
400
350
SW1 + SW2 CURRENT (A)
0
50
60
70
5
4
3581 G03
40
30
0
3
2
1
10
20
100
90
80
TEMPERATURE (°C)
–50 –25
0
1
2
3
4
0
50
125 150
3581 G04
5
6
25
75 100
–50 –25
0
50
125 150
25
75 100
TEMPERATURE (°C)
1.2100
1.2125
1.2200
3581 G05
1.2175
1.2150
TEMPERATURE (°C)
–75 –50 –25
10
20
30
40
50
0
50
125 150
3581 G06
60
80
70
25
75 100
–50 –25
0
50
125 150
25
75 100
TEMPERATURE (°C)
0
3200
3581 G07
2800
2400
2000
1600
1200
800
400
RT = 34k
RT = 432k
FB VOLTAGE (V)
0
0
1/4
1/5
1/6
1/2
1/3
1
0.2
0.4
0.6
0.8
3581 G08
1.0
1.2
BOOSTING
CONFIGURATIONS
INVERTING
CONFIGURATIONS
0
60
80
20
40
GATE VOLTAGE (V)
0
1000
3581 G09
900
800
700
600
500
400
200
100
300
125°C
–40°C
25°C


Similar Part No. - LT3581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579 Datasheet
519Kb / 40P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com