Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3596IUHG-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3596IUHG-TRPBF
Description  60V Step-Down LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596IUHG-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3596IUHG-TRPBF Datasheet HTML 7Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 8Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 9Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 10Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 11Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 12Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 13Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 14Page - Linear Technology LT3596IUHG-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3596

3596f
applicaTions inForMaTion
Inductor Selection
Inductor values between 100µH and 470µH are recom-
mended for most applications. It is important to choose
an inductor that can handle the peak current without
saturating. The inductor DCR (copper wire resistance)
must also be low in order to minimize I2R power losses.
Table 1 lists several recommended inductors.
Table 1. Recommended Inductors
PART
L
(µH)
MAX
DCR
(Ω)
CURRENT
RATING
(A)
VENDOR
MSS1038
MSS1038
MSS1246T
100
220
470
0.3
0.76
0.935
1.46
0.99
1.0
Coilcraft
www.coilcraft.com
CDRH10D68
CDRH12D58R
100
220
470
0.205
0.362
0.67
1.5
1.0
1.01
Sumida
www.sumida.com
DS1262C2
100
220
0.17
0.35
1.5
1.0
Toko
www.toko.com
VLF10040
100
220
0.22
0.47
1.3
0.9
TDK
www.tdk.com
DR124
DR127
DR74
100
220
470
100
0.26
0.56
0.861
0.383
1.79
1.15
1.6
0.99
Coiltronics
www.cooperet.com
744771220
220
0.40
1.2
Würth Elektronik
www.we-online.com
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the outputs to minimize output ripple voltage.
Use only X5R or X7R dielectrics, as these materials retain
their capacitance over wider voltage and temperature
ranges than other dielectrics. Table 2 lists some suggested
manufacturers. Consult the manufacturers for detailed
information on their entire selection of ceramic surface
mount parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Murata
www.murata.com
Kemet
www.kemet.com
TDK
www.tdk.com
Typically10µFcapacitorsaresufficientfortheVINandBIAS
pins. The output capacitor for the buck regulator depends
on the number of LEDs and switching frequency. Refer to
Table 3 for the proper output capacitor selection.
Table 3. Recommended Output Capacitor Values
(Volts/LED = 3.5V)
SWITCHING
FREQUENCY (kHz)
# LEDS
COUT (µF)
1000
1 to 3
6.8
>3
4.7
500
1 to 3
10
>3
6.8
200
1 to 3
22
>3
10
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, must be used for all LT3596 ap-
plications. Do not use P-N junction diodes. The diode’s
average current rating must exceed the application’s aver-
age current. The diode’s maximum reverse voltage must
exceed the application’s input voltage. Table 4 lists some
recommended Schottky diodes.
Table 4. Recommended Diodes
PART
MAX
CURRENT
(A)
MAX
REVERSE
VOLTAGE
(V)
MANUFACTURER
DFLS160
1
60
Diodes, Inc.
www.diodes.com
CMMSH1-60
1
60
Central Semiconductor
www.centralsemi.com
ESIPB
1
100
Vishay
www.vishay.com
Undervoltage Lockout (UVLO)
EN/UVLOprogramstheUVLOthresholdbyconnectingthe
pin to a resistor divider from VIN as shown in Figure 2.
Select R1 and R2 according to the following equation:
V
V
R
R
IN UVLO
(
)
.
=
+


1 51
1
2
1


Similar Part No. - LT3596IUHG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3596 LINER-LT3596 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
More results

Similar Description - LT3596IUHG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
   60V Triple Step-Down LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
   60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
   3A-60V LED Step-Down Converter
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com