Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3579EUFD-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3579EUFD-TRPBF
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579EUFD-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3579EUFD-TRPBF Datasheet HTML 1Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 2Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 3Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 4Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 5Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 6Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 7Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 8Page - Linear Technology LT3579EUFD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LT3579/LT3579-1
3
35791f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.3
2.5
V
VIN Overvoltage Lockout
16.2
18.7
21.2
V
Positive Feedback Voltage
l
1.195
1.215
1.230
V
Negative Feedback Voltage
l
39
16
mV
Positive FB Pin Bias Current
VFB=Positive Feedback Voltage, Current into Pin
l
80.5
83.3
85
μA
Negative FB Pin Bias Current
VFB=Negative Feedback Voltage, Current out of Pin
l
81
83.3
85.5
μA
Error Amp Transconductance
ΔI=10μA
250
μmhos
Error Amp Voltage Gain
70
V/V
Quiescent Current
Not Switching
1.9
2.4
mA
Quiescent Current in Shutdown
VSHDN = 0V
0
1
μA
Reference Line Regulation
2.5V ≤ VIN ≤ 15V
0.01
0.05
%/V
Switching Frequency, fOSC
RT = 34kΩ
l
2.2
2.5
2.8
MHz
RT = 432kΩ
l
175
200
225
kHz
Switching Frequency in Foldback
Compared to Normal fOSC
1/6
ratio
Switching Frequency Range
Free-Running or Synchronizing
l
200
2500
kHz
SYNC High Level for Sync
l
1.3
V
SYNC Low Level for Sync
l
0.4
V
SYNC Clock Pulse Duty Cycle
VSYNC = 0V to 2V
20
80
%
Recommended Minimum SYNC Ratio
fSYNC/fOSC
3/4
Minimum Off-Time
45
nS
Minimum On-Time
55
nS
SW1 Current Limit
At All Duty Cycles (Note 3)
l
3.4
4.2
5.1
A
SW Current Sharing, ISW2/ISW1
SW1 and SW2 Tied Together
0.78
A/A
SW1 + SW2 Current Limit
ISW2/ISW1 = 0.78, At All Duty Cycles (Note 3)
l
6
7.5
9.4
A
Switch VCESAT
SW1 and SW2 Tied Together, ISW1 + ISW2 = 5.5A
250
350
mV
SW1 Leakage Current
VSW1 = 5V
0.01
1
μA
SW2 Leakage Current
VSW2 = 5V
0.01
1
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN, VFAULT = VIN unless otherwise noted. (Note 2).


Similar Part No. - LT3579EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3579EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com