Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRJ-53AD-P1 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MRJ-53AD-P1
Description  MRJ SERIES RUGGED MODULAR JACK, 8 & 10 POSITION RIGHT ANGLE WITH LED, TAIL LENGTH & THREAD OPTIONS, RoHS COMPLIANT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MRJ-53AD-P1 Datasheet(HTML) 1 Page - Amphenol Corporation

  MRJ-53AD-P1 Datasheet HTML 1Page - Amphenol Corporation MRJ-53AD-P1 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SQUARE
LED TAILS
0.51 [.020]
DATE CODE
INK MARKING
±0.25
.051
.350
8.90
.098
2.50
.551
14.00
6.50
±.010
.256
0.30 [.012]
TAIL LENGTH 'A'
SEE ORDERING CODE
1.30
15.40±0.25
.606±.010
26.95±0.30
.630
16.00
18.54
.730
±.012
1.061
30.30±0.25
1.193±.010
HOUSING
SHELL
FRONT
PANEL GASKET
CONTACT TAILS
0.46 [.018] x 0.36 [.014]
SEE ORDERING CODE THREAD OPTION
5.50 [.217] DEEP THREADED HOLES,
LEFT LED
RIGHT LED
SEE ORDERING
CODE
4.50
.354
9.00
24.00
.177
.945
18.00±0.25
.709±.010
BI-COLOUR GREEN/YELLOW RIGHT
E=YELLOW LEFT
BI-COLOUR GREEN/YELLOW RIGHT
D=GREEN LEFT
BI-COLOUR GREEN/YELLOW RIGHT
A=BI-COLOUR GREEN/YELLOW LEFT
5=GREEN LEFT, GREEN RIGHT
0=NONE
1=GREEN LEFT, YELLOW RIGHT
4=YELLOW LEFT, GREEN RIGHT
PCB TAIL
RECEPTACLE, RIGHT ANGLE,
AVAILABLE MATING AREA COVERS PROVIDE ADDED PROTECTION. CONSULT
5 3
7.
WITH AMPHENOL CANADA FOR DETAILS.
-
CUSTOMER TO VERIFY THAT ALL PROCESS CLEANERS ARE COMPATIBLE
8.
WITH POLYCARBONATE MATERIAL.
TAIL LENGTH AND MOUNTING
M R J
X
ORDERING CODE:
SERIES, RUGGED RJ
1
LED CHARACTERISTICS: FORWARD DC CURRENT 25 mA MAX.,
6.
FORWARD VOLTAGE 2.5 V MAX@ 2 mA
A=10 CONTACTS
8= 8 CONTACTS
NUMBER OF CONTACTS
X
-
X
M3 x 0.5 THREAD
SINGLE PORT
LED OPTION
P= TAIL LENGTH A=3.81 [.150],
M3 x 0.5 THREAD
M= TAIL LENGTH A=2.54 [.100],
#4-40 UNC THREAD
B= TAIL LENGTH A=3.81 [.150],
#4-40 UNC THREAD
0= TAIL LENGTH A=2.54 [.100],
HOLE THREAD OPTION
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND
AMENDMENTS
SHELL - DIECAST ZINC, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE WITH 50 MICROINCHES (1.27
MICRONS) GOLD OVER 50 MICROINCHES (1.27 MICRONS) MINIMUM
NICKEL ON THE MATING AREA AND MATTE TIN OVER NICKEL ON THE
CONTACT TAILS.
INSERTS - ENGINEERING THERMOPLASTIC, UL FLAMMABILITY RATING
94V-0, REAR INSERTS: BLACK NYLON, FRONT INSERT: CLEAR
POLYCARBONATE
LED’S - EPOXY LENS, STEEL TAILS WITH TIN PLATING
GASKET - SILICONE RUBBE
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES
SEAL TO INSIDE FACE OF PANEL.
CURRENT RATING: 1.5 AMPERES
3.
CONTACT RESISTANCE: 30 MILLIOHMS MAXIMUM
4.
OPERATING TEMPERATURE: -40°C TO +105°C
5.
REVISIONS
REV
DESCRIPTION
DATE
APPRD
K
PRODUCT DRAWING (EAR 13638)
DEC09/09
K.L.
3:1
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
C
A
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
S.SEMENOV
P-MRJ-53XX-X1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DO NOT SCALE DRAWING
E
D
6
4
5
32
1
7
.X
THREAD OPTIONS, RoHS COMPLIANT
----
K
B
1 OF 2
NOV11/04
NOV11/04
S.SEMENOV
NOV11/04
A.GREEN
8
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
0.15
MRJ SERIES RUGGED MODULAR
JACK, 8 & 10 POSITION RIGHT ANGLE,
WITH LED, TAIL LENGTH &
F


Similar Part No. - MRJ-53AD-P1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MRJ-538X-0X AMPHENOL-MRJ-538X-0X Datasheet
262Kb / 2P
   MRJ CONNECTOR WITH RJ45 TERMINATION
More results

Similar Description - MRJ-53AD-P1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MRJR33XXX1 AMPHENOL-MRJR33XXX1 Datasheet
88Kb / 2P
   MRJR SERIES MODULAR JACK, 6 POSITION, 4 OR 6 CONTACTS, RIGHT ANGLE PCB TAIL, LED, THREAD & TAIL LENGTH OPTIONS, RoHS COMPLIANT
RJHSE5381 AMPHENOL-RJHSE5381 Datasheet
176Kb / 2P
   2 PORT HIGH SPEED MODULAR JACK, 8 POSITION, 8 CONTACTS, SHIELDED AND WITH LED OPTIONS-ROHS COMPLIANT
RJHSE-5385-04 AMPHENOL-RJHSE-5385-04 Datasheet
1Mb / 2P
   HIGH SPEED, RJ45 MODULAR JACK, 8 POSITION, 8 CONTACTS SHIELDED WITH LEDS - ROHS COMPLIANT
RJHSE-5480 AMPHENOL-RJHSE-5480 Datasheet
571Kb / 2P
   HIGH SPEED RJ45 MODULAR JACK, 8 POSITION 8 CONTACTS, SHIELDED, WITH LEDs - RoHS COMPLIANT
P-MRJR-578X-X1 AMPHENOL-P-MRJR-578X-X1 Datasheet
153Kb / 2P
   MRJR SERIES RUGGED MODULAR JACK, RIGHT ANGLE
logo
Molex Electronics Ltd.
0480250091 MOLEX1-0480250091_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
0480250002 MOLEX1-0480250002_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
logo
Tyco Electronics
5557561-1 MACOM-5557561-1 Datasheet
46Kb / 1P
   MODULAR JACK ASSEMBLY, THREE PORT, 8 POSITION, RIGHT ANGLE
5557570 MACOM-5557570 Datasheet
91Kb / 1P
   MODULAR JACK ASSEMBLY, 2PORT, 8 POSITION, RIGHT ANGLE, SHIELDED
logo
Molex Electronics Ltd.
0480250091 MOLEX6-0480250091 Datasheet
193Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Tail Length 3.18mm (.125") for IR Reflow, Lead free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com