Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3689-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3689-5
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689-5 Datasheet(HTML) 4 Page - Linear Technology

  LT3689-5 Datasheet HTML 1Page - Linear Technology LT3689-5 Datasheet HTML 2Page - Linear Technology LT3689-5 Datasheet HTML 3Page - Linear Technology LT3689-5 Datasheet HTML 4Page - Linear Technology LT3689-5 Datasheet HTML 5Page - Linear Technology LT3689-5 Datasheet HTML 6Page - Linear Technology LT3689-5 Datasheet HTML 7Page - Linear Technology LT3689-5 Datasheet HTML 8Page - Linear Technology LT3689-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT3689/LT3689-5
4
3689fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tUV
UV Detect to RST Asserted
Step VFB from 0.9V to 0.5V
l
10
30
65
μs
WDI Input Threshold
l
0.4
0.95
1.15
V
WDI Input Pull-Up Current
–2
μA
WDI Input Pulse Width
l
300
ns
W/T Threshold Voltage
l
0.4
0.8
1
V
W/T Input Pull-Down Current
2.6
μA
WDE Threshold Voltage
l
0.4
0.8
1
V
WDO Pull-Up Current (Note 6)
–0.6
–0.85
μA
RST Pull-Up Current (Note 6)
–0.6
–0.85
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum voltage at VIN and EN/UVLO pins is 60V for
nonrepetitive 1 second transients, and 36V for continuous operation.
Note 3: The LT3689E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3689I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3689H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 4: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: The output of RST and WDO has a weak pull-up to VOUT of
typically 1μA. However, external pull-up resistors may be used when faster
rise times are required or for VOH higher than VOUT.
Note 7: Polarity specification for all currents into pins is positive. All
voltages are referenced to GND unless otherwise specified.
Note 8: For the LT3689-5, VOUT is set to 5.5V to ensure the switching.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VOUT = 5V, unless otherwise noted. (Note 3)
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Efficiency, VOUT = 1.8V
LOAD CURRENT (A)
0
0.4
0.2
0.6
0.3
0.1
0.5
0.7
3689 G01
TA = 25°C
f = 1MHz
VIN = 12V
VIN = 24V
VIN = 32V
85
90
80
75
70
65
95
0
0.4
0.2
0.6
0.3
0.1
0.5
0.7
LOAD CURRENT (A)
85
80
75
70
65
90
3689 G02
TA = 25°C
f = 700kHz
VIN = 12V
VIN = 24V
VIN = 32V
LOAD CURRENT (A)
70
75
65
60
55
50
80
3689 G03
TA = 25°C
f = 1MHz
VIN = 5V
VIN = 12V
0
0.4
0.2
0.6
0.3
0.1
0.5
0.7


Similar Part No. - LT3689-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com