Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3689EMSE-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3689EMSE-PBF
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689EMSE-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3689EMSE-PBF Datasheet HTML 3Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 4Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 5Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 6Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 7Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 8Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 9Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 10Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT3689/LT3689-5
7
3689fa
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Pin Current
EN/UVLO Pin Threshold
Boost Diode Forward Voltage
EN/UVLO Hysteresis Current
Switching Waveform:
Burst Mode Operation
Switching Waveform:
Transition from Burst Mode
to Full Frequency
Switching Waveform:
Full Frequency Continuous Operation
Power-On-Reset Threshold
vs Temperature
VEN/UVLO (V)
3689 G22
05
10
15
20
30
25
35
6
7
5
4
1
0
3
2
TA = 150°C
TA = –50°C
TA = 25°C
TEMPERATURE (°C)
–50
1.200
1.220
1.240
1.260
–25
0
25
50
100
75
125
1.280
1.300
1.210
1.230
1.250
1.270
1.290
150
3689 G23
EN/UVLO THRESHOLD RISING
EN/UVLO THRESHOLD FALLING
VIN = 12V
BOOST DIODE CURRENT (mA)
3689 G24
010
20
30
40
50
600
700
800
500
400
100
0
300
900
200
TA = 150°C
TA = 25°C
TA = –50°C
TEMPERATURE (°C)
3.0
3.5
4.0
4.5
5.0
3689 G25
–50 –25
0
25
50
100
75
125 150
5μs/DIV
VOUT
10mV/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 6mA
VSW
5V/DIV
IL
0.2A/DIV
3689 G26
1μs/DIV
VOUT
10mV/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 60mA
VSW
5V/DIV
IL
0.2A/DIV
3689 G27
1μs/DIV
VOUT
10mV/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 600mA
VSW
10V/DIV
IL
0.5A/DIV
3689 G28
TEMPERATURE (°C)
0.710
0.715
0.720
0.725
0.730
3689 G29
–50 –25
0
25
50
100
75
125 150


Similar Part No. - LT3689EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3689 LINER-LT3689 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com