Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3689EMSE-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3689EMSE-PBF
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689EMSE-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3689EMSE-PBF Datasheet HTML 6Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 7Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 8Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 9Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 10Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 11Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 12Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 13Page - Linear Technology LT3689EMSE-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT3689/LT3689-5
10
3689fa
BLOCK DIAGRAM
+
OSCILLATOR
TRANSITION
DETECT
WATCHDOG
TIMER
ADJUSTABLE
RESET PULSE
GENERATOR
Burst Mode
OPERATION
DETECT
VC CLAMP
SOFT-START
INTERNAL
0.8VREF
SLOPE COMP
R
VIN
VIN
VOUT
EN/UVLO
RT
BST
SW
SWITCH
LATCH
GND
VOUT
C3
L1
D1
DISABLE
OUT
SYNC
ERROR AMP
OUT
RT
C1
FB
FB
80mV
VIN
3.4V
RSEN
2μA
2μA
22μA
22μA
1μA
1μA
S
Q
DA
C2
R1
R2
OUT
525k
LT3689-5
ONLY
100k
+
+
CWDT
WDI
RC
VC
CC
OUT
RST
CPOR
+
WDE
WDO
W/T
3689 BD


Similar Part No. - LT3689EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3689 LINER-LT3689 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3689EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com