Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3741 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 4 Page - Linear Technology

  LT3741 Datasheet HTML 1Page - Linear Technology LT3741 Datasheet HTML 2Page - Linear Technology LT3741 Datasheet HTML 3Page - Linear Technology LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3741

3741f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Control Loop gm Amp
Offset Voltage
l
–3
0
3
mV
Input Common Mode Range
VCM(LOW)
VCM(HIGH)
VCM(HIGH) Measured from VIN to VCM
0
2
V
V
Output Impedance
3.5
gm
375
475
625
µA/V
Differential Gain
1.7
mV/V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3741E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3741I is guaranteed to meet performance specifications over the –40°C
to 125°C operating junction temperature range.
Note 3: The minimum on and off times are guaranteed by design and are
not tested.


Similar Part No. - LT3741

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741 LINER-LT3741 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT3741 LINER-LT3741 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3741 LINER-LT3741 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3741 LINER-LT3741 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3741-1 LINER-LT3741-1 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
More results

Similar Description - LT3741

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741-1 LINER-LT3741-1_15 Datasheet
390Kb / 24P
   High Power, Constant Current, Constant Voltage, Step-Down Controller
LT3741 LINER-LT3741_15 Datasheet
390Kb / 24P
   High Power, Constant Current, Constant Voltage, Step-Down Controller
logo
Shenzhen Huazhimei Semi...
HM7153 HMSEMI-HM7153 Datasheet
426Kb / 6P
   Linear step-down constant current controller
logo
SHENZHEN FUMAN ELECTRON...
SC4001 FUMAN-SC4001 Datasheet
200Kb / 5P
   PWM step-down constant current controller
logo
Shenzhen Huazhimei Semi...
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
   Wide input voltage step-down constant voltage constant current DC-DC controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com