Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3741EFE-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3741EFE-PBF
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741EFE-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT3741EFE-PBF Datasheet HTML 1Page - Linear Technology LT3741EFE-PBF Datasheet HTML 2Page - Linear Technology LT3741EFE-PBF Datasheet HTML 3Page - Linear Technology LT3741EFE-PBF Datasheet HTML 4Page - Linear Technology LT3741EFE-PBF Datasheet HTML 5Page - Linear Technology LT3741EFE-PBF Datasheet HTML 6Page - Linear Technology LT3741EFE-PBF Datasheet HTML 7Page - Linear Technology LT3741EFE-PBF Datasheet HTML 8Page - Linear Technology LT3741EFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3741

3741f
Typical applicaTion
DescripTion
High Power, Constant
Current, Constant Voltage,
Step-Down Controller
The LT®3741 is a fixed frequency synchronous step-down
DC/DCcontrollerdesignedtoaccuratelyregulatetheoutput
current at up to 20A. The average current-mode controller
willmaintaininductorcurrentregulationoverawideoutput
voltage range of 0V to (VIN – 2V). The regulated current is
set by an analog voltage on the CTRL pins and an external
sense resistor. Due to its unique topology, the LT3741 is
capable of sourcing and sinking current. The regulated
voltage and overvoltage protection are set with a voltage
divider from the output to the FB pin. Soft-Start is provided
to allow a gradual increase in the regulated current during
startup. The switching frequency is programmable from
200kHz to 1MHz through an external resistor on the RT
pin or through the use of the SYNC pin and an external
clock signal.
Additional Features include an accurate external reference
voltage for use with the CTRL pins, an accurate UVLO/EN
pin that allows for programmable UVLO hysteresis, and
thermal shutdown.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 7199560, 7321203 and others pending.
10V/20A Constant Current, Constant Voltage Step-Down Converter
FeaTures
applicaTions
n
Control Pin Provides Accurate Control of Regulated
Output Current
n
1.5% Voltage Regulation Accuracy
n
±6% Current Regulation Accuracy
n
6V to 36V Input Voltage Range
n
Wide Output Voltage Range Up to (VIN – 2V)
n
Average Current Mode Control
n
<1µA Shutdown Current
n
Up to 94% Efficiency
n
Additional Pin for Thermal Control of Load Current
n
Thermally Enhanced 4mm
× 4mm QFN and 20-Pin
FE Package
n
General Purpose Industrial
n
Super-Cap Charging
n
Applications Needing Extreme Short-Circuit
Protection and/or Accurate Output Current Limit
n
Constant Current or Constant Voltage Source
EN/UVLO
EN/UVLO
HG
VIN
CBOOT
VREF
VC
CTRL1
CTRL2
LT3741
RT
SYNC
SW
LG
GND
SENSE+
SENSE
VCC_INT
220nF
2.2µH
22µF
2.5m
FB
10nF
39.2k
5.6nF
82.5k
88.7k
3741 TA01a
12.1k
150µF
2
10nF
RNTC
100µF
VIN
14V TO 36V
VOUT
10V
20A
1µF
SS
RHOT
45.3k
IOUT (A)
0 2 4 6 8 10 12 14 16 18
6
8
12
10
3741 TA01b
4
2
0
22
20
VIN = 18V
VOUT = 10V
ILIMIT = 20A
VOUT vs IOUT


Similar Part No. - LT3741EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741 LINER-LT3741 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT3741 LINER-LT3741 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3741 LINER-LT3741 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3741 LINER-LT3741 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3741-1 LINER-LT3741-1 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
More results

Similar Description - LT3741EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741-1 LINER-LT3741-1_15 Datasheet
390Kb / 24P
   High Power, Constant Current, Constant Voltage, Step-Down Controller
LT3741 LINER-LT3741_15 Datasheet
390Kb / 24P
   High Power, Constant Current, Constant Voltage, Step-Down Controller
logo
Shenzhen Huazhimei Semi...
HM7153 HMSEMI-HM7153 Datasheet
426Kb / 6P
   Linear step-down constant current controller
logo
SHENZHEN FUMAN ELECTRON...
SC4001 FUMAN-SC4001 Datasheet
200Kb / 5P
   PWM step-down constant current controller
logo
Shenzhen Huazhimei Semi...
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
   Wide input voltage step-down constant voltage constant current DC-DC controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com