Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3956EUHE-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3956EUHE-PBF
Description  80VIN, 80VOUT Constant-Current, Constant-Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3956EUHE-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3956EUHE-PBF Datasheet HTML 7Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 8Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 9Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 10Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 11Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 12Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 13Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 14Page - Linear Technology LT3956EUHE-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3956

3956f
applicaTions inForMaTion
20mV should not cause misoperation, but may lead to
noticeable offset between the average value and the user-
programmed value.
Output Current Capability
An important consideration when using a switch with a
fixed current limit is whether the regulator will be able
to supply the load at the extremes of input and output
voltage range. Several equations are provided to help
determine this capability. Some margin to data sheet
limits is included.
For boost converters:
I
A
V
V
OUT MAX
IN MIN
OUT MAX
(
)
(
)
(
)
.
≤ 2 5
For buck mode converters:
IOUT(MAX) ≤ 2.5A
For SEPIC and buck-boost mode converters:
I
A
V
V
V
OUT MAX
IN MIN
OUT MAX
IN MIN
(
)
(
)
(
)
(
)
.
(
)
+
2 5
These equations assume the inductor value and switch-
ing frequency have been selected so that inductor ripple
current is ~600mA. Ripple current higher than this value
will reduce available output current. Be aware that current
limited operation at high duty cycle can greatly increase
inductor ripple current, so additional margin may be
required at high duty cycle.
If some level of analog dimming is acceptable at minimum
supplylevels,thentheCTRLpincanbeusedwitharesistor
divider to VIN (as shown on page 1) to provide a higher
output current at nominal VIN levels.
FB
LT3956
VOUT
R4
3956 F02
R3
Figure 2. Feedback Resistor Connection
for Boost or SEPIC LED Drivers
FB
LT3956
100k
VOUT
COUT
R4
3956 F03
R3
LED
ARRAY
RLED
+
Figure 3. Feedback Resistor Connection for
Buck Mode or Buck-Boost Mode LED Driver
Programming Output Voltage (Constant-Voltage
Regulation) or Open LED/Overvoltage Threshold
For a boost or SEPIC application, the output voltage can
be set by selecting the values of R3 and R4 (see Figure 2)
according to the following equation:
V
R
R
R
OUT =
+
1 25
3
4
4
. •
For a boost type LED driver, set the resistor from the output
to the FB pin such that the expected voltage level during
normal operation will not exceed 1.1V. For an LED driver
of buck mode or a buck-boost mode configuration, the
output voltage is typically level-shifted to a signal with
respect to GND as illustrated in Figure 3. The output can
be expressed as:
V
V
R
R
OUT
BE
=
+ 1 25
3
4
. •
ISP/ISN Short-Circuit Protection Feature for SEPIC
The ISP and ISN pins have a protection feature indepen-
dent of the LED current sense feature that operates at
ISN below 3V. The purpose of this feature is to provide
continuous current sensing when ISN is below the LED
current sense common mode range (during start-up or
an output short-circuit fault) to prevent the development
of excessive switching currents that could damage the
power components in a SEPIC converter. The action
threshold (335mV, typ) is above the default LED current
sense threshold, so that no interference will occur over
the ISN voltage range where these two functions overlap.
This feature acts in the same manner as switch-current
limit — it prevents switch turn-on until the ISP/ISN differ-
ence falls below the threshold.


Similar Part No. - LT3956EUHE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3956 LINER-LT3956 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
logo
Analog Devices
LT3956 AD-LT3956 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
More results

Similar Description - LT3956EUHE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
logo
AIMTEC
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
AIMTEC
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-5 AIMTEC-AMER150-CAZ-5_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com