Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3757MPMSE-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3757MPMSE-PBF
Description  Boost, Flyback, SEPIC and Inverting Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757MPMSE-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3757MPMSE-PBF Datasheet HTML 2Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 3Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 4Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 5Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 6Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 7Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 8Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 9Page - Linear Technology LT3757MPMSE-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LT3757

3757fb
Typical perForMance characTerisTics
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
Gate Drive Rise
and Fall Time vs INTVCC
Typical Start-Up Waveforms
INTVCC vs Temperature
INTVCC Minimum Output Current
vs VIN
INTVCC Load Regulation
TA = 25°C, unless otherwise noted.
Gate Drive Rise
and Fall Time vs CL
FBX Frequency Foldback
Waveforms During Overcurrent
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
7.0
7.1
7.2
7.3
7.4
3757 G13
VIN (V)
0
35
7.25
7.20
10
20
5
15
25
30
40
7.15
7.10
7.30
3757 G16
CL (nF)
0
60
70
80
50
40
5
15
10
20
25
30
10
0
30
90
20
3757 G18
RISE TIME
INTVCC = 7.2V
FALL TIME
INTVCC (V)
3
20
25
15
10
9
6
12
15
5
0
30
3757 G19
CL = 3300pF
RISE TIME
FALL TIME
2ms/DIV
VOUT
5V/DIV
IL1A + IL1B
5A/DIV
3757 G20
VIN = 12V
PAGE 31 CIRCUIT
50µs/DIV
PAGE 31 CIRCUIT
VOUT
10V/DIV
VSW
20V/DIV
IL1A + IL1B
5A/DIV
3757 G21
VIN = 12V
INTVCC LOAD (mA)
0
6.8
7
7.1
7.2
7.3
20
40
50
60
6.9
10
30
70
3757 G15
VIN = 8V
INTVCC LOAD (mA)
0
500
600
300
400
200
10
5
15
20
100
0
700
3757 G17
150°C
125°C
25°C
0°C
–55°C
75°C
VIN = 6V
VIN (V)
0
50
60
70
40
3757 G14
40
30
0
10
10
20
30
5
15
25
35
20
90
80
TJ = 150°C
INTVCC = 6V
INTVCC = 4.5V


Similar Part No. - LT3757MPMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757MPMSE-PBF LINER-LT3757MPMSE-PBF Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results

Similar Description - LT3757MPMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com