Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4180MPGN-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT4180MPGN-TRPBF
Description  Virtual Remote Sense Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180MPGN-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT4180MPGN-TRPBF Datasheet HTML 1Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 2Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 3Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 4Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 5Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 6Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 7Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 8Page - Linear Technology LT4180MPGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT4180
4
4180fp
TYPICAL PERFORMANCE CHARACTERISTICS
IDRAIN vs VDRAIN
Normal Timing
Spread Spectrum Timing
VLOAD vs VWIRE
Load Step in 12V Linear Application
Load Step in Buck Application
VREF vs Temperature
INTVCC vs Temperature
Oscillator Frequency
vs Temperature
VWIRING (V)
0
4.97
4.98
4.99
4.96
4.95
0.5
1.5
1
2
2.5
3
4.92
4.91
4.94
5.00
4.93
4180 G07
2ms/DIV
200mA TO 700mA LOAD TRANSIENT
100μF LOAD CAP
VSENSE
2V/DIV
VLOAD
2V/DIV
ILOAD
200mA/DIV
4180 G08
RWIRE = 4Ω
CL = 100μF
5μs/DIV
TRIGGERED ON CHOLD1
500mV/DIV
CHOLD1
WITH 15k
PULL-DOWN
2V/DIV
OSC
4180 G05
1μs/DIV
TRIGGERED ON OSC
500mV/DIV
CHOLD1
WITH 15k
PULL-DOWN
2V/DIV
OSC
4180 G06
5ms/DIV
VOUT
2V/DIV
VLOAD
2V/DIV
4180 G09
ILOAD
500mA/DIV
200mA
1.2A
TEMPERATURE (°C)
–55
1.2205
1.2210
1.2215
105
1.2200
1.2195
1.2190
–35 –15
5
25
45
65
85
125
4108 G01
TEMPERATURE (°C)
–55
3.150
3.160
3.155
3.165
105
3.145
3.140
3.135
–35 –15
5
25
45
65
85
125
4108 G02
TEMPERATURE (°C)
–55
203.0
203.5
204.0
105
202.5
202.0
201.5
–35 –15
5
25
45
65
85
125
4108 G03
ROSC = 20k
COSC = 1nF
VDRAIN (V)
0
8
10
12
0.7
6
4
0.2
0.4
0.1
0.9
0.3
0.5
0.8
0.6
1
2
0
14
4180 G04


Similar Part No. - LT4180MPGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Analog Devices
LT4180 AD-LT4180 Datasheet
4Mb / 40P
   5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
More results

Similar Description - LT4180MPGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Semtech Corporation
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
   Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com