Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1798690000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1798690000
Description  BCZ 3.81/3/90 SN GN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1798690000 Datasheet(HTML) 1 Page - Weidmuller

  1798690000 Datasheet HTML 1Page - Weidmuller 1798690000 Datasheet HTML 2Page - Weidmuller 1798690000 Datasheet HTML 3Page - Weidmuller 1798690000 Datasheet HTML 4Page - Weidmuller 1798690000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/90/270 | BCZ 3.81/90
- 1 -
General ordering data
Order No.
1798690000
Part designation
BCZ 3.81/3/90 SN GN
Version
PCB plug-in connector, Female connectors,
Clamping yoke connection, Clamping range, max.:
1.5 mm², Pitch: 3.81 mm, No. of poles: 3, 90°, Box
EAN
4032248243280
Qty.
50 pc(s).
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
90°
Pitch
3.81 mm
Pitch in inch
0.15 inch
No. of poles
3
No. of rows
1
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.2
Tightening torque, max.
0.25 Nm
Clamping screw
M 2
Stripping length
7 mm
L1 in mm
7.62 mm
L1 in inch
0.3 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PA GF
Colour
Pale green
colour chart
Similar to RAL 6021
Insulating material group
II
Flammability class UL 94
V-0
CTI
>= 475
Contact base material
Copper alloy


Similar Part No. - 1798690000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1798690000 WEIDMULLER-1798690000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
More results

Similar Description - 1798690000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1798720000 WEIDMULLER-1798720000 Datasheet
94Kb / 5P
   BCZ 3.81/5/90 SN GN
1798730000 WEIDMULLER-1798730000 Datasheet
94Kb / 5P
   BCZ 3.81/6/90 SN GN
1798770000 WEIDMULLER-1798770000 Datasheet
94Kb / 5P
   BCZ 3.81/16/90 SN GN
1798710000 WEIDMULLER-1798710000 Datasheet
94Kb / 5P
   BCZ 3.81/4/90 SN GN
1798760000 WEIDMULLER-1798760000 Datasheet
94Kb / 5P
   BCZ 3.81/12/90 SN GN
1798740000 WEIDMULLER-1798740000 Datasheet
94Kb / 5P
   BCZ 3.81/8/90 SN GN
1798680000 WEIDMULLER-1798680000 Datasheet
94Kb / 5P
   BCZ 3.81/2/90 SN GN
1798860000 WEIDMULLER-1798860000 Datasheet
86Kb / 5P
   BCZ 3.81/3/90F SN GN
1793050000 WEIDMULLER-1793050000 Datasheet
86Kb / 6P
   BCZ 3.81/3/180F SN GN
1792870000 WEIDMULLER-1792870000 Datasheet
88Kb / 6P
   BCZ 3.81/3/180 SN GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com