Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBD040ZGE-A Datasheet(PDF) 2 Page - Power-One

Part # HBD040ZGE-A
Description  HBD SERIES - DUAL OUTPUT, 60 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBD040ZGE-A Datasheet(HTML) 2 Page - Power-One

  HBD040ZGE-A Datasheet HTML 1Page - Power-One HBD040ZGE-A Datasheet HTML 2Page - Power-One HBD040ZGE-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal Impedance
Natural Convection
6.6 °C/W
100 LFM
5.7 °C/W
200 LFM
4.2 °C/W
300 LFM
3.1 °C/W
400 LFM
2.6 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
HBD SERIES - DUAL OUTPUT, 60 WATT
MECHANICAL DRAWING
1-V
in
2
Case
3On/Off
4+V
in
5+V
out 2
6- V
out 2
7
Trim 2
8+V
out 1
9-V
out 1
10
Trim 1
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
Pin
Function
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
1.500"(38.1mm)
1.200"(30.5mm)
0.900"(22.9mm)
0.500"(12.7mm)
0.200"(5.1mm)
-0.100"(-2.5mm)
1.700"(43.2mm)
-0.50"(-12.7mm)
-0.300"(-7.6mm)
1.400"(35.6mm)
1.000"(25.4mm)
0.400"(10.2mm)
0
(12.7mm)
0.50"
(0.6mm)
.025" REF.
(1.0mm)
DIA 0.040"
(4.6mm)
0.18"
(61.0mm)
2.40"
(57.9mm)
2.28"
M3X.5 THROUGH 4PL
MOUNTING INSERTS
0
(-4.8mm)
-0.19"
(48.3mm)
1.900"
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
24
24
24
48
48
48
18 - 36
18 - 36
18 - 36
34 - 75
34 - 75
34 - 75
2.89
4.54
3.02
1.51
1.62
2.27
3.3/2.5
5.0/3.3
5.0/3.3
5.0/3.3
3.3/2.5
5.0/3.3
12/15
12/15
8/12
8/12
12/15
12/15
75/75
100/75
100/75
100/75
75/75
100/75
75%
78%
80%
80%
75%
79%
HBD040YED-A
HBD060YGE-A
HBD040YGE-A
HBD040ZGE-A
HBD040ZED-A
HBD060ZGE-A
Denotes advanced product release. Consult factory for product availability.
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
Note: Current can be drawn from either output to its maximum value, or from both outputs to a combined total of 15A.
MODELS - (See the last page of this file for options.)


Similar Part No. - HBD040ZGE-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBD040ZGE-A POWER-ONE-HBD040ZGE-A Datasheet
189Kb / 3P
   HBD SERIES - DUAL OUTPUT, 60 WATT
More results

Similar Description - HBD040ZGE-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBD060ZGE-AS3 POWER-ONE-HBD060ZGE-AS3 Datasheet
189Kb / 3P
   HBD SERIES - DUAL OUTPUT, 60 WATT
logo
Recom International Pow...
RP60-123.3SE RECOM-RP60-123.3SE Datasheet
97Kb / 4P
   60 Watt Single, Dual & Positive Dual Output
logo
ETA-USA
DTL01FWX-W ETA-USA-DTL01FWX-W Datasheet
850Kb / 6P
   60 WATT DUAL OUTPUT SWITCHING ADAPTER
logo
Recom International Pow...
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
RAC60-SB RECOM-RAC60-SB Datasheet
100Kb / 2P
   60 Watt Single Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
   60 Watt Single Output
RP60-G RECOM-RP60-G Datasheet
458Kb / 8P
   60 Watt Single Output
logo
Wall Industries,Inc.
PSD60 WALL-PSD60 Datasheet
154Kb / 3P
   60 Watt Dual Output AC/DC Power Supply
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com