Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-A12D8T Datasheet(PDF) 2 Page - Rohm

Part # SML-A12D8T
Description  Side View Chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12D8T Datasheet(HTML) 2 Page - Rohm

  SML-A12D8T Datasheet HTML 1Page - Rohm SML-A12D8T Datasheet HTML 2Page - Rohm SML-A12D8T Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
1.6
1.4
1.2
1
0.8
0.6
0.4
-20
-30
-40
-10 0 10203040506070
100
80 90
CASE TEMPERATURE : Tc
(
°C)
20
10
0
010
-10
-20
-30
-40
20 30 40 50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(
°C)
1
1
10
5
10
100
1000
10000
PULSE DURATION : Tw
(µs)
FORWARD VOLTAGE : VF
(V)
IF=20mA
FORWARD CURRENT : IF
(mA)
1
10
100
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
0
5
10
15
20
Ta=25
°C
Ta=25
°C
SML-A12Y8T
SML-A12P8T
SML-A12M8T
SML-A12Y8T
SML-A12D8T
SML-A12U8T
SML-A12V8T
SML-A12Y8T
SML-A12P8T
SML-A12M8T
SML-A12Y8T
SML-A12D8T
SML-A12U8T
SML-A12V8T
SML-A12Y8T
SML-A12P8T
SML-A12M8T
SML-A12Y8T
SML-A12D8T
SML-A12U8T
SML-A12V8T
SML-A12Y8T
SML-A12P8T
SML-A12M8T
SML-A12Y8T
SML-A12D8T
SML-A12U8T
SML-A12V8T
SML-A12Y8T
SML-A12P8T
SML-A12M8T
SML-A12Y8T
SML-A12D8T
SML-A12U8T
SML-A12V8T


Similar Part No. - SML-A12D8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Side-view type
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Similar Description - SML-A12D8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12WB ROHM-SMLA12WB Datasheet
117Kb / 3P
   Side View Chip LEDs
SML-A12 ROHM-SML-A12_06 Datasheet
123Kb / 3P
   Side View Chip LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
EAPL3810A8 EVERLIGHT-EAPL3810A8 Datasheet
660Kb / 16P
   Side View LEDs
BHC-AS1T2 EVERLIGHT-BHC-AS1T2 Datasheet
167Kb / 7P
   Side View LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com