Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBS075YH-A Datasheet(PDF) 1 Page - Power-One

Part # HBS075YH-A
Description  HBS SERIES - 75 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBS075YH-A Datasheet(HTML) 1 Page - Power-One

  HBS075YH-A Datasheet HTML 1Page - Power-One HBS075YH-A Datasheet HTML 2Page - Power-One HBS075YH-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL SPECIFICATIONS
HBS single output DC/DC converters provide up to
75 watts of output power in an industry standard
half-brick package and footprint.
These units feature
excellent efficiency, Class A conducted noise specs, and
fixed switching frequency. The HBS features open-frame
packaging, along with planar magnetics to provide
maximum useable power with minimal thermal constraints.
The HBS converters are especially suited to telecom,
networking, and industrial applications, and are fully
compatible with production board washing processes.
• Industry Standard Half-
Brick
• Open-Frame Packaging
• 100°C Baseplate Operation
• Water Washable
• “True-Trim” Option
• 1500V Isolation
• Positive Or Negative
Logic
DESCRIPTION
FEATURES
Voltage Range
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
34 - 75 VDC
Reflected Ripple
20% Iin Max.
Input Reverse Voltage Protection
Shunt Diode
Input
Turn-On Time
10 ms
Remote Shutdown
Positive Or Negative Logic
Remote Shutdown Reference
Vin Negative
Switching Frequency
500 kHz
Isolation, Input - Output
1500 VDC
Isolation, Input - Case
1050 VDC
Isolation, Output - Case
500 VDC
Temperature Coefficient
0.002%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 115°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
2.1 x 106 hrs
Safety
UL, cUL, VDE
Weight (approx.)
2.5 oz
General
Setpoint Accuracy
±1%
Line Regulation Vin Min. - Vin Max., Iout Rated
0.2% Vout
Load Regulation Iout Min. - Iout Max., Vin Nom.
0.2% Vout
Remote Sense Headroom
0.5 VDC
Minimum Output Current
10 % Iout Rated
Dynamic Regulation, Loadstep
25% Iout
Pk Deviation
4% Vout
Settling Time
500
µs
Voltage Trim Range
±10%
Short Circuit / Overcurrent Protection
Hiccup
Current Limit Threshold Range, % of Iout Rated
110 - 140%
OVP Trip Range
115 - 140% Vout Nom.
OVP
Hiccup
Output
Notes
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless
otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Units are water-washable and fully compatible with commercial spray or
immersion post wave-solder washing equipment.
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
HBS050ZE-ANT
HBS075ZG-ANT
Efficiency vs. Load (48V Input)
HBS SERIES - 75 WATT
REV. 09/01


Similar Part No. - HBS075YH-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS075YH-A POWER-ONE-HBS075YH-A Datasheet
122Kb / 3P
   HBS SERIES - 75 WATT
More results

Similar Description - HBS075YH-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS066ZE-ANT POWER-ONE-HBS066ZE-ANT Datasheet
122Kb / 3P
   HBS SERIES - 75 WATT
HBS050YE-A POWER-ONE-HBS050YE-A Datasheet
86Kb / 3P
   HBS SERIES - 50 WATT
HBS100ZE-ANT POWER-ONE-HBS100ZE-ANT Datasheet
118Kb / 3P
   HBS SERIES - 100 WATT
HBS POWER-ONE-HBS Datasheet
83Kb / 3P
   HBS SERIES - 100 WATT
HBS150YG-A POWER-ONE-HBS150YG-A Datasheet
88Kb / 3P
   HBS SERIES - 150 WATT
logo
TRACO Electronic AG
TEP75WICM TRACOPOWER-TEP75WICM Datasheet
1Mb / 5P
   TEP 75WICM Series, 75 Watt
Rev. March 16, 2023
TEP75WICMF TRACOPOWER-TEP75WICMF Datasheet
1Mb / 5P
   TEP 75WICMF Series, 75 Watt
Rev. March 16, 2023
TEP75WI TRACOPOWER-TEP75WI Datasheet
1Mb / 5P
   TEP 75WI Series, 75 Watt
Rev. November 30, 2022
logo
Hirose Electric
CTB-MJ-88SR HIROSE-CTB-MJ-88SR Datasheet
1Mb / 6P
   ISDN and HBS CONNECTORS
logo
Innovative Power Produc...
IPP-AB204-2 IPP-IPP-AB204-2 Datasheet
56Kb / 1P
   ATTENUATOR, 75 WATT, FLANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com