Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBT060ZGHH-A Datasheet(PDF) 5 Page - Power-One

Part # HBT060ZGHH-A
Description  HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBT060ZGHH-A Datasheet(HTML) 5 Page - Power-One

  HBT060ZGHH-A Datasheet HTML 1Page - Power-One HBT060ZGHH-A Datasheet HTML 2Page - Power-One HBT060ZGHH-A Datasheet HTML 3Page - Power-One HBT060ZGHH-A Datasheet HTML 4Page - Power-One HBT060ZGHH-A Datasheet HTML 5Page - Power-One HBT060ZGHH-A Datasheet HTML 6Page - Power-One HBT060ZGHH-A Datasheet HTML 7Page - Power-One HBT060ZGHH-A Datasheet HTML 8Page - Power-One HBT060ZGHH-A Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
HBT Series – Half-Brick DC/DC Converter
48V Input
60 Watt Triple Output
REV. 10/01
Page 5 of 12
www.power-one.com
Feature Descriptions
Output Over-voltage Clamp
The output overvoltage clamp consists of a
separate control loop, independent of the primary
control loop. This control loop has a higher
voltage set point than the primary loop. In a fault
condition which creates an excessive output
voltage, the converter goes into “Hiccup Mode”
(turns off and restarts periodically in a pre-
programmed fashion), and the output overvoltage
clamp ensures that the output voltage does not
exceed Vo, clamp, max. This secondary control
loop
provides
a
redundant
voltage
control
mechanism that prevents catastrophic voltages
from occurring on the output under any single-
fault condition.
Output Current Protection
To provide protection in an output overload or
short circuit condition, the converter is equipped
with a current limiting circuit, which can protect
the converter from damage under a fault condition
indefinitely. At the current-limit inception point due
to an output overload, the converter goes into
“Hiccup Mode” and limits both the peak output
current and the duration of the operation. The
converter recovers automatically to its normal
operation once the output overload or short circuit
is removed.
Enable
Two enable options are available-Positive Logic
and Negative Logic. Positive Logic turns the
converter on when a logic-high is present at the
enable pin, and turns the converter off when a
logic-low is present at the enable pin. Negative
Logic turns the converter off when a logic-high is
present at the enable pin, and turns the converter
on when a logic-low is present at the enable pin.
Output Voltage Adjustment
Output voltage adjustment is accomplished by
connecting an external resistor between the Trim
Pin and the +Vo1 or –Vo1 Pins.
With an external resistor (Radj-down) between the
Trim Pin and +Vo1 Pin the output voltage set
point (Vo,adj) decreases. The following equation
determines the required external resistor value to
obtain an adjusted output voltage:
Note: Output Vo1 is the only trimable output.
Output Vo2 and Vo3 only follow how Vo1 is
trimmed.
Radj dn
Vo adj
D
,
() A
Vo nom
Vo
,
adj
,
B


ohm
,
Where Radj-down is the trim-down resistance value
and A, B, and D are constants defined in Table
10.
With an external resistor (Radj-up) between the
Trim Pin and –Vo1 Pin the output voltage set
point (Vo,adj) increases. The following equation
determines the required external resistor value to
obtain an adjusted output voltage:
Raj up
AD
Vo adj
D
,
()
C
B


ohm
,
Where Radj-up is the trim-up resistance value and
A, B, C, and D are constants defined in Table 10:
AB
C
D
4990
25500
2.5
2.5
Table 10 Output Adjustment Variables.


Similar Part No. - HBT060ZGHH-A

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
HBT127 CINCON-HBT127 Datasheet
422Kb / 12P
   HEATSINK KIT for DC/DC CONVERTERS
logo
Hi-Sincerity Mocroelect...
HBT136AE HSMC-HBT136AE Datasheet
43Kb / 4P
   TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT138F-600 HUASHAN-HBT138F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
logo
Hi-Sincerity Mocroelect...
HBT139DE HSMC-HBT139DE Datasheet
60Kb / 4P
   Three Quadrant Triac
More results

Similar Description - HBT060ZGHH-A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com