Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV1aFS-6V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JV1aFS-6V
Description  FLAT TYPE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JV1aFS-6V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JV1aFS-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JV1aFS-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JV1aFS-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JV1aFS-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JV
89
DIMENSIONS
mm inch
1 Form A type
10.5
.413
0.4
.016
4
.157
22
.866
17.78
.700
10.16
.400
16
.630
12.7
.500
NO
NC
COM
21
35
4
Dimension :
General tolerance
Max. 1mm .039 inch
±0.2 ±.008
1 to 5mm .039 to .197 inch
±0.3 ±.012
Min. 5mm .197 inch
±0.4 ±.016
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
12.7
.500
17.78
.700
10.16
.400
2-0.9 dia.
2-.035 dia.
2-1.3 dia.
2-.051 dia.
1 Form C type
10.5
.413
0.4
.016
4
.157
22
.866
17.78
.700
10.16
.400
7.62
.300
16
.630
12.7
.500
NO
NC
COM
21
35
4
Dimension :
General tolerance
Max. 1mm .039 inch
±0.2 ±.008
1 to 5mm .039 to .197 inch
±0.3 ±.012
Min. 5mm .197 inch
±0.4 ±.016
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
12.7
.500
17.78
.700
10.16
.400
7.62
.300
2-0.9 dia.
2-.035 dia.
3-1.3 dia.
3-.051 dia.
REFERENCE DATA
1.-(1) Maximum value for switching capacity
(1 Form A type)
1.-(2) Maximum value for switching capacity
(1 Form C type)
2.-(1) Operate/release time
(Standard 1 Form A type)
1
10
100
1,000
10
16
100
Contact voltage, V
High capacity type, AC resistive load
Standard type, AC resistive load
AC resistive load (NO side)
1
10
100
1,000
10
100
Contact voltage, V
0
80
100
120
140
160
180
2
4
6
8
10
12
14
16
18
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.
Min.
x
x
2.-(2) Operate/release time
(High capacity 1 Form A type)
2.-(3) Operate/release time (1 Form C type)
3.-(1) Coil temperature rise (1 Form A type)
Measured portion: Inside the coil
0
80
100
120
140
160
180
2
4
6
8
10
12
14
16
18
Max.
Min.
Min.
x
Coil applied voltage, %V
Operate time
Release time
Max.
x
0
80
100
120
140
160
2
4
6
8
10
Max.
Min.
Min.
x
x
Coil applied voltage, %V
Operate time
Release time
Max.
80
100
120
140
160
180
20
40
60
80
0
Coil applied voltage, %V
15 A at 60
°C 140°F
(High capacity type)
15 A at 26
°C 79°F
(High capacity type)
10 A at
15
°C 59°F
(Standad type)
10 A at
60
°C 140°F
(Standad type)
3.-(2) Coil temperature rise
(1 Form C type)
Measured portion: Inside the coil
3.-(3) Coil temperature rise
(High sensitivity type)
Measured portion: Inside the coil
4. Life curve
Operation frequency: 20 times/min.
(ON/OFF = 1.5s:1.5s)
Ambient temperature: Room temperature
80
100
120
140
160
180
20
40
60
80
0
Coil applied voltage, %V
10 A
at 25
°C 77°F
0
20
40
60
0
Coil applied voltage, %V
100
120
140
160
180
200
Standard 200 mW type
High sensitivity 100 mW type
Contact current, A
10
1
100
4
6
8
10
12
141618
125V AC resistive load


Similar Part No. - JV1aFS-6V

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JV112A11NPA0 VITALCONN-JV112A11NPA0 Datasheet
493Kb / 1P
   RJ45 1*1 Vertical Type W/LED
REV: A
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1aFS-6V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
   RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
   RELAY MINIATURE POWER RELAY-TYPE RPS
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
Mitsubishi Electric Sem...
PM50RLB120 MITSUBISHI-PM50RLB120 Datasheet
102Kb / 6P
   FLAT-BASE TYPE INTELLIGENT POWER MODULES
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Mitsubishi Electric Sem...
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com