Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1945750000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1945750000
Description  BLZP 5.08/02/225B SN OR BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1945750000 Datasheet(HTML) 1 Page - Weidmuller

  1945750000 Datasheet HTML 1Page - Weidmuller 1945750000 Datasheet HTML 2Page - Weidmuller 1945750000 Datasheet HTML 3Page - Weidmuller 1945750000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZP 5.08/225 | BLZP 5.08/225B SN
- 1 -
General ordering data
Order No.
1945750000
Part designation
BLZP 5.08/02/225B SN OR BX
Version
PCB plug-in connector, Clamping yoke
connection, Clamping range, max.: 4 mm², Pitch in
mm: 5.08 mm, No. of poles: 2, 225°, Box
EAN
4032248621095
Qty.
150 pc(s).
Packaging
Box
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
225°
Pitch in mm
5.08 mm
Pitch in inch
0.2 inch
No. of poles
2
No. of rows
1
Screwdriver blade
0.6 x 3.5


Similar Part No. - 1945750000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1945753 PHOENIX-1945753 Datasheet
59Kb / 4P
   Printed-circuit board connector - MCVR 1,5/ 3-STF-3,81 BK
More results

Similar Description - 1945750000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946250000 WEIDMULLER-1946250000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN OR BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1983270000 WEIDMULLER-1983270000 Datasheet
75Kb / 3P
   BLF 5.08/02/270LH SN OR BX
1983080000 WEIDMULLER-1983080000 Datasheet
75Kb / 3P
   BLF 5.08/02/270LR SN OR BX
1002280000 WEIDMULLER-1002280000 Datasheet
79Kb / 3P
   BLF 5.08/02/90LR SN OR BX
1002480000 WEIDMULLER-1002480000 Datasheet
78Kb / 3P
   BLF 5.08/02/90LH SN OR BX
1742100000 WEIDMULLER-1742100000 Datasheet
95Kb / 5P
   BLZ 5.08/2/225B SN OR
1982120000 WEIDMULLER-1982120000 Datasheet
73Kb / 3P
   BLF 5.08/02/270F SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com