Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV1F-9V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # JV1F-9V
Description  FLAT TYPE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JV1F-9V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  JV1F-9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JV1F-9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JV1F-9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JV1F-9V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JV
90
5.-(1) Ambient temperature characteristics
(Standard 10 A type, 1 Form A)
Contact current: 10 A
5.-(2) Ambient temperature characteristics
(High capacity 15 A type, 1 Form A)
Contact current: 0 A, 10 A, 13 A, 15 A
5.-(3) Ambient temperature characteristics
(1 Form C type)
Contact current: 10 A
20
0
40
60
80
100
120
100
200
300
Ambient temperature,
°C
Allowable ambient temperatures
against % coil voltage
(max. inside the coil temperature
set as 115
°C 239°F)
Pick-up voltage with
a hot-start condition
of 100%V on the coil
Pick-up voltage
20
0
40
60
80
100
120
100
200
300
Ambient temperature,
°C
Allowable ambient
temperature against
% coil voltages
(max. inside the coil
temperature set as
115
°C 239°F)
Pick-up voltage with
a hot-start condition
of 100%V on the coil
10 A Pick-up voltage
0 A
13 A 15 A
0 A
10
A
13
A
15
A
20
0
406080
100
200
Ambient temperature,
°C
Pick-up voltage
Allowable ambient temperatures
against % coil voltages
(max. inside the coil temperature
set as 115
°C 239°F)
5.-(4) Ambient temperature characteristics
(High sensitivity type)
Contact current: 10 A
0
100
200
300
0
Temperature rise,
°C
20
40
60
80
100
120
Allowable ambient
temperature
against % coil
voltages (max.
inside the coil temperature
set as 115
°C 239°F)
High sensitivity
100 mW type
Standard
200 mW type
Types dedicated to a wider variety of automotive applications are available, upon receipt of order, with the following specifications:
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive
load)
Nominal switching capacity
10 A 125 V AC
6A 30 V DC
Max. switching power
1,250 V AC
180 W
Max. switching voltage
125 V (AC) 30 V (DC)
Max. switching current
10 A (AC) 6 A (DC)
Expected
life (min.
ope.)
Mechanical (at 300 cpm)
5
×106
Electrical
(DC 12 V motor, 6 A steady current,
20 A lock current)(at rated load)
4
×104
Nominal voltage, V DC
5, 6, 9, 12, 18, 24
Nominal operating power
450 mW
Pick-up voltage, V DC (max.)
70% of nominal voltage
Drop-out voltage; V DC (min.)
5% of nominal voltage
Max. allowable voltage
150% of nominal voltage
Max. operating speed
20 cpm
Initial insulation resistance
Min. 100 M
Ω (at 500 V DC)
Initial break
down voltage
Between open contacts
750 Vrms for 1 min.
Between contacts and coil
1,500 Vrms for 1 min.
Operate time (at nominal voltage)
Approx. 5 ms
Release time (at nominal voltage)
Approx. 4 ms
Temperature rise (max.)
(at nominal voltage)(at 50°C)
65
°C with nominal coil voltage and at
maximum allowable contact current
Shock resistance
Functional
Min. 196 m/s2 {20 G}
Destructive
Min. 980 m/s2 {100 G}
Vibration resistance
Functional
10 to 55 Hz at double amplitude of
1.6 mm
Destructive
10 to 55 Hz at double amplitude of
2 mm
Conditions for operation,
transport and storage
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +70°C
–40
°F to +158°F
Humidity
5 to 85%R.H.
Unit weight
Approx. 8 g .282 oz
For Cautions for Use, see Relay Technical Information (Page 11 to 39).


Similar Part No. - JV1F-9V

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JV112A11NPA0 VITALCONN-JV112A11NPA0 Datasheet
493Kb / 1P
   RJ45 1*1 Vertical Type W/LED
REV: A
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1F-9V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
   RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
   RELAY MINIATURE POWER RELAY-TYPE RPS
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
Mitsubishi Electric Sem...
PM50RLB120 MITSUBISHI-PM50RLB120 Datasheet
102Kb / 6P
   FLAT-BASE TYPE INTELLIGENT POWER MODULES
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Mitsubishi Electric Sem...
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com