Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV1F-24V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JV1F-24V
Description  FLAT TYPE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JV1F-24V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JV1F-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JV1F-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JV1F-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JV1F-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
87
JV-RELAYS
FLAT TYPE POWER RELAY
10.9
.429
16
.630
22
.866
mm inch
FEATURES
• Flat type: 16 mm (length)
× 22 mm (width) × 10.9 mm (height)
(.630
×.866×.429 inch)
• High capacity type (16A) available
• High sensitivity type (100 mW: 1 Form A) available
• TÜV also approved
SPECIFICATIONS
Contact
Coil
Standard type
High capacity
type
High
sensitivity type
Arrangement
1 Form A
1 Form C
1 Form A
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Contact material
Silver alloy
Rating
(resistive)
Nominal switching
capacity
10 A 125 V AC
10 A 125 V AC (N.O.)
6 A 125 V AC (N.C.)
16 A 125 V AC 10 A 125 V AC
Max. switching power
1,250 VA
1,250 VA (N.O.)
750 VA (N.C.)
2,000 VA
1,250 V
Max. switching voltage
125 V AC
Max. switching current
10 A
10 A (N.O.)
6 A (N.C.)
16 A
10 A
Expected life (min. ope.)
Mechanical at (180 cpm)
107
Electrical at resistive
(at 20 cpm)
(at rated load)
Sealed type
105
105
3
×104
5
×104
Flux-resistant
type
3
×105
105
105
105
1 Form A type
1 Form C type
Nominal
operating
power
Standard type
200 mW (up to 48 V coil type)
600 mW (100 V coil type)
400 mW (up to 48 V coil type)
600 mW (100 V coil type)
High capacity type
High sensitivity type
100 mW
Characteristics
Max. operating speed
20 cpm
Initial insulation resis-
tance*1
Min. 100 M
(at 500 V DC)
Initial
break-
down
voltage*2
Between open
contacts
1,000 Vrms
for 1 min.
Between con-
tacts and coil
1,500 Vrms
for 1 min.
Operate time*3
(at nominal voltage)
Approx. 10 ms
Approx. 5 ms
(100 V DC coil type)
Release time (without diode)*3
(at nominal voltage)
Approx. 4 ms
Temperature rise
(at 50°C)
Max. 65
°C with nominal
coil voltage across
coil and at nominal
switching capacity
Shock
resistance
Functional*4
Min. 98 m/s2 {10 G}
Destructive*5
Min. 980 m/s2
{100 G}
Vibration
resistance
Functional*6
10 to 55 Hz
at double amplitude
of 1.0 mm
Destructive
10 to 55 Hz
at double amplitude
of 1.6 mm
Conditions for opera-
tion, transport and
storage*7
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–40
°C to +70°C*8
–40
°F to +158°F
Humidity
5 to 85%R.H.
Unit weight
Approx. 8 g .282 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage"section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms, detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
*8 100V type: –40 to + 60
°C –40 to + 140°F
TYPICAL APPLICATIONS
1. Home appliances: Air conditioner, heater, etc.
2. Automotive: Power supply for car stereo and air conditioner
ORDERING INFORMATION
Contact arrangement
1: 1 Form C
1a: 1 Form A
Nil: Standard type
P: High capacity type*
Nil: Sealed type
F: Flux-resistant type
Nil: Standard type
(1 Form A: 200 mW, 1Form C: 400 mW
100 V DC coil type: 600 mW)
S: High sensitivity type*
(1 Form A: 100 mW)
Rating
Protective construction
Sensitivity
Coil voltage (DC)
5, 6, 9, 12, 18,
24, 48, 100V
Ex. JV
1a
P
F
S
12V
* Only for 1 Form A type
Notes:
UL/CSA, TÜV approved type is standard.
1. Standard packing: Carton: 50 pcs.; Case: 1,000 pcs.
2. Coil voltage DC 48, 100 V types are not available for high sensitivity type.


Similar Part No. - JV1F-24V

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JV112A11NPA0 VITALCONN-JV112A11NPA0 Datasheet
493Kb / 1P
   RJ45 1*1 Vertical Type W/LED
REV: A
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1F-24V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
   RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
   RELAY MINIATURE POWER RELAY-TYPE RPS
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
Mitsubishi Electric Sem...
PM50RLB120 MITSUBISHI-PM50RLB120 Datasheet
102Kb / 6P
   FLAT-BASE TYPE INTELLIGENT POWER MODULES
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Mitsubishi Electric Sem...
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com