Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3859IFE-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3859IFE-PBF
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859IFE-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3859IFE-PBF Datasheet HTML 1Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 2Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 3Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 4Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 5Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 6Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 7Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 8Page - Linear Technology LTC3859IFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3859
2
3859f
ABSOLUTE MAXIMUM RATINGS
Bias Input Supply Voltage (VBIAS).............. –0.3V to 40V
Buck Top Side Driver Voltages
(BOOST1, BOOST2) ............................. –0.3V to 46V
Boost Top Side Driver Voltages
(BOOST3) ............................................ –0.3V to 76V
Buck Switch Voltage (SW1, SW2) ................ –5V to 40V
Boost Switch Voltage (SW3) ........................ –5V to 70V
INTVCC, (BOOST1–SW1),
(BOOST2–SW2), (BOOST3–SW3),.......... –0.3V to 6V
RUN1, RUN2, RUN3 .................................... –0.3V to 8V
Maximum Current Sourced Into Pin
from Source >8V...............................................100μA
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
ITH1
VFB1
SENSE1+
SENSE1
FREQ
PLLIN/MODE
SS3
SENSE3+
SENSE3
VFB3
ITH3
SGND
RUN1
RUN2
RUN3
SENSE2
SENSE2+
VFB2
ITH2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
SW3
TG3
BOOST3
BG3
VBIAS
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
OV3
TRACK/SS2
39
PGND
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
13 14 15 16
TOP VIEW
39
PGND
UHF PACKAGE
38-LEAD (5mm
7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
FREQ
PLLIN/MODE
SS3
SENSE3+
SENSE3
VFB3
ITH3
SGND
RUN1
RUN2
RUN3
SENSE2
SW1
BOOST1
BG1
SW3
TG3
BOOST3
BG3
VBIAS
EXTVCC
INTVCC
BG2
BOOST2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SENSE1+, SENSE2+, SENSE1
SENSE2Voltages ..................................... –0.3V to 28V
SENSE3+, SENSE3Voltages..................... –0.3V to 40V
PLLIN/MODE, FREQ Voltages ............... –0.3V to INTVCC
EXTVCC....................................................... –0.3V to 14V
ITH1, ITH2, ITH3, VFB1, VFB2, VFB3 Voltages .... –0.3V to 6V
PGOOD1, OV3 Voltages .............................. –0.3V to 6V
TRACK/SS1, TRACK/SS2, SS3 Voltages ..... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 3)........................................ –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C


Similar Part No. - LTC3859IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3859 LINER-LTC3859 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3859 LINER-LTC3859 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3859A LINER-LTC3859A Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3859A LINER-LTC3859A Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3859IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com