Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3856EFE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3856EFE-TRPBF
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856EFE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3856EFE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3856EFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC3856

3856f
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3856EFE#PBF
LTC3856EFE#TRPBF
LTC3856FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3856IFE#PBF
LTC3856IFE#TRPBF
LTC3856FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3856EUH#PBF
LTC3856EUH#TRPBF
3856
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3856IUH#PBF
LTC3856IUH#TRPBF
3856
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Input Voltage
4.5
38
V
VOUT
Output Voltage
0.6
5.0
V
VFB
Regulated Feedback Voltage
ITH Voltage = 1.2V, E-Grade (Note 4)
ITH Voltage = 1.2V, I-Grade (Note 4)
l
l
0.5955
0.593
0.600
0.600
0.6045
0.607
V
V
IFB
Feedback Current
(Note 4)
–15
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4.5V to 38V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm
Transconductance Amplifier gm
ITH = 1.2V, Sink/Source 5µA (Note 4)
2.0
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VIN = 15V
VRUN = 0V
4.0
40
70
mA
µA
DFMAX
Maximum Duty Factor
In Dropout; fOSC = 500kHz
93
94
%
UVLO
Undervoltage Lockout
VINTVCC Ramping Down
l
3.0
3.2
3.4
V
UVLO Hyst
UVLO Hysteresis
0.6
V
VOVL
Feedback Overvoltage Lockout
Measured at VFB
l
0.64
0.66
0.68
V
ISENSE+
SENSE+ Pins Bias Current
Each Channel, VSENSE1,2 = 3.3V
l
±1
±2
µA
ITEMP
DCR Tempco Compensation Current
VITEMP = 0.3V
l
9
10
11
µA
ITK/SS
Soft-Start Charge Current
VTK/SS = 0V
l
1.0
1.25
1.5
µA
VRUN
RUN Pin On Threshold
VRUN Rising
l
1.1
1.22
1.35
V
VRUNHYS
RUN Pin On Hysteresis
80
mV
VSENSE(MAX) Maximum Current Sense Threshold
(E-Grade)
VFB = 0.5V, VSENSE1,2 = 3.3V
ILIM = 0V
ILIM = Float
ILIM = INTVCC
l
l
l
25
45
68
30
50
75
35
55
82
mV
mV
mV
VSENSE(MAX) Maximum Current Sense Threshold
(I-Grade)
VFB = 0.5V, VSENSE1,2 = 3.3V
ILIM = 0V
ILIM = Float
ILIM = INTVCC
l
l
l
23
43
66
30
50
75
37
57
84
mV
mV
mV
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN = 5V, unless otherwise noted.


Similar Part No. - LTC3856EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3856 LINER-LTC3856 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3856 LINER-LTC3856 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3856 LINER-LTC3856 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3856 LINER-LTC3856 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3856EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com