Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4660-7R Datasheet(PDF) 3 Page - Power-One

Part # GP4660-7R
Description  120...195 Watt DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

GP4660-7R Datasheet(HTML) 3 Page - Power-One

  GP4660-7R Datasheet HTML 1Page - Power-One GP4660-7R Datasheet HTML 2Page - Power-One GP4660-7R Datasheet HTML 3Page - Power-One GP4660-7R Datasheet HTML 4Page - Power-One GP4660-7R Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.power-one.com
Edition 6/10.2001
Control
Output voltage adjustment
output 1, 4
60/80...110%
Uo nom
Inhibit on input side
TTL input, output(s) disabled if open circuit
Status indication
LEDs: In OK, Out OK
Output good signal (Out OK)
isolated open collector signal
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Class of equipment
class I
Protection degree
IP 40
Electric strength test voltage
I/case, O/case, Out OK/case
1.5 kV AC
I/O, Out OK/I, Out OK/O
4242 V DC / 3 kV AC
O/O
500 V DC
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion B
Electromagnetic field
IEC/EN 61000-4-3, level 3 (10 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, output/input, level 3/4 (2/4 kV)
criterion B
Surge
IEC/EN 61000-4-5, input, level 2/3 (1/2 kV)
criterion B
Conducted disturbances
IEC/EN 61000-4-6, level 2/3 (3/10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022, conducted
class B
Environmental
Operating ambient temperature
Ui nom, Po nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Po nom/Po max
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 11 ms
50 gn
Bump
IEC/EN 60068-2-29, 11 ms
25 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Out OK output
excludes option i
D
Current sharing
T
Inhibit on output side
excludes option D
i
Synchronisation
W
Heat Sink
B1
P Series
120...195 Watt DC-DC Converters


Similar Part No. - GP4660-7R

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GP468 MALLORY-GP468 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GP4660-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
   90 - 195 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
logo
Bel Fuse Inc.
HP1001-9RTG BEL-HP1001-9RTG Datasheet
3Mb / 28P
   120 - 192 Watt 10:1 DC-DC Converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com