Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4269-1
Description  IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4269-1 Datasheet HTML 5Page - Linear Technology LTC4269-1 Datasheet HTML 6Page - Linear Technology LTC4269-1 Datasheet HTML 7Page - Linear Technology LTC4269-1 Datasheet HTML 8Page - Linear Technology LTC4269-1 Datasheet HTML 9Page - Linear Technology LTC4269-1 Datasheet HTML 10Page - Linear Technology LTC4269-1 Datasheet HTML 11Page - Linear Technology LTC4269-1 Datasheet HTML 12Page - Linear Technology LTC4269-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC4269-1
9
42691fb
TEMPERATURE (°C)
–50
330
25
42691 G28
300
280
–25
0
50
270
260
340
320
310
290
75
100
125
RtON(MIN) = 158k
TEMPERATURE (°C)
–50
0
50
150
200
250
0
50
75
42691 G29
100
–25
25
100
125
300
RPGDLY = 16.9k
RPGDLY = 27.4k
TEMPERATURE (°C)
–50
285
305
325
25
75
42691 G30
265
245
–25
0
50
100
125
225
205
RENDLY = 90k
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum PG On-Time
vs Temperature
PG Delay Time vs Temperature
Enable Delay Time
vs Temperature
PIN FUNCTIONS
SHDN (Pin 1): Shutdown Input. Use this pin for auxiliary
power application. Drive SHDN high to disable LTC4269-1
operation and corrupt the signature resistance. If unused,
tie SHDN to VPORTN.
T2P(Pin2):Type2PSEIndicator,Open-Drain.Lowimped-
ance indicates the presence of a Type 2 PSE.
RCLASS (Pin 3): Class Select Input. Connect a resistor
between RCLASS and VPORTN to set the classification load
current (see Table 2).
NC (Pins 4, 7, 8, 25, 28, 31): No Connect.
VPORTN (Pins 5, 6): Input Voltage, Negative Rail. Pin 5 and
Pin 6 must be electrically tied together at the package.
SG (Pin 9): Synchronous Gate Drive Output. This pin
provides an output signal for a secondary-side synchro-
nous rectifier. Large dynamic currents may flow during
voltage transitions. See the Applications Information
section for details.
VCC (Pin 10): Supply Voltage Pin. Bypass this pin to
GND with a 4.7μF, or more, capacitor. This pin has a 19.5V
clamp to ground. VCC has an undervoltage lockout func-
tion that turns the part on when VCC is approximately
15.3V and off at 9.7V. In a conventional trickle-charge
bootstrapped configuration, the VCC supply current
increases significantly during turn-on causing a benign
relaxation oscillation action on the VCC pin if the part does
not start normally.
tON (Pin 11): Pin for external programming resistor to
set the minimum time that the primary switch is on for
each cycle. Minimum turn-on facilitates the isolated feed-
back method. See the Applications Information section
for details.
ENDLY (Pin 12): Pin for external programming resistor to
set enable delay time. The enable delay time disables the
feedback amplifier for a fixed time after the turn-off of the
primary-side MOSFET. This allows the leakage inductance
voltage spike to be ignored for flyback voltage sensing.
See the Applications Information section for details.
SYNC (Pin 13): External Sync Input. This pin is used to
synchronize the internal oscillator with an external clock.
The positive edge of the clock causes the oscillator to
discharge causing PG to go low (off) and SG high (on). The
sync threshold is typically 1.5V. Tie to ground if unused.
See the Applications Information section for details.
SFST (Pin 14): Soft-Start. This pin, in conjunction with a
capacitor (CSFST) to GND, controls the ramp-up of peak
primary current through the sense resistor. It is also used
to control converter inrush at start-up. The SFST clamps


Similar Part No. - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4269-1 LINER-LTC4269-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com