Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4269-1
Description  IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4269-1 Datasheet HTML 2Page - Linear Technology LTC4269-1 Datasheet HTML 3Page - Linear Technology LTC4269-1 Datasheet HTML 4Page - Linear Technology LTC4269-1 Datasheet HTML 5Page - Linear Technology LTC4269-1 Datasheet HTML 6Page - Linear Technology LTC4269-1 Datasheet HTML 7Page - Linear Technology LTC4269-1 Datasheet HTML 8Page - Linear Technology LTC4269-1 Datasheet HTML 9Page - Linear Technology LTC4269-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC4269-1
6
42691fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Input Voltage
25k Detection Range
Input Current vs Input Voltage
Input Current vs Input Voltage
VPORTP VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
2
468
42691 G01
10
TA = 25°C
VPORTP VOLTAGE (V)
(RISING)
0
0
10
20
30
40
50
10
20
30
40
42691 G02
50
60
TA = 25°C
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
VPORTP VOLTAGE (V)
12
9.5
10.5
14
16
42691 G03
10.0
18
20
22
11.0
85°C
–40°C
CLASS 1 OPERATION
Signature Resistance
vs Input Voltage
PWRGD, T2P Output Low Voltage
vs Current
Active High PWRGD
Output Low Voltage vs Current
Inrush Current vs Input Voltage
CURRENT (mA)
0
0.4
0.6
8
42691 G07
0.2
0
2
4
6
10
0.8
TA = 25°C
CURRENT (mA)
0
0
0.4
1.0
0.5
1
42691 G08
0.2
0.8
0.6
1.5
2
TA = 25°C
VPORTP – VNEG = 4V
VPORTP VOLTAGE (V)
40
85
115
45
50
42691 G09
55
60
90
100
105
110
95
90
100
105
110
95
Class Operation vs Time
On-Resistance vs Temperature
VPORTP VOLTAGE (V)
1
22
V1:
V2:
23
25
26
27
3
5
42691 G04
24
7
9
610
24
8
28
RESISTANCE =
DIODES: HD01
TA = 25°C
=
V
I
V2 – V1
I2 – I1
IEEE UPPER LIMIT
IEEE LOWER LIMIT
LTC4269-1 ONLY
LTC4269-1 + 2 DIODES
VPORTP
VOLTAGE
10V/DIV
CLASS
CURRENT
10mA/DIV
TIME (10μs/DIV)
42691 G05
TA = 25°C
JUNCTION TEMPERATURE (°C)
–50
0.2
0.4
0.6
0.8
1.0
–25
025
50
42691 G06
75
100


Similar Part No. - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4269-1 LINER-LTC4269-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com