Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP2540 Datasheet(PDF) 1 Page - Power-One

Part # DP2540
Description  120...195 Watt DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP2540 Datasheet(HTML) 1 Page - Power-One

  DP2540 Datasheet HTML 1Page - Power-One DP2540 Datasheet HTML 2Page - Power-One DP2540 Datasheet HTML 3Page - Power-One DP2540 Datasheet HTML 4Page - Power-One DP2540 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.power-one.com
Edition 6/10.2001
• Extremely slim case (4 TE), fully enclosed
• Extremely low inrush current, hot swappable
• Operating ambient temperature range
–40...71
°C with convection cooling
P Series
120...195 Watt DC-DC Converters
Input voltage up to 150 V DC
1 to 4 isolated outputs 3.3...96 V DC
4242V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Output 3
Output 4
Type
Type
Uo nom Po nom Po max Uo nom Po nom Po max Uo nom Po nom Po max Uo nom Po nom Po max
Input voltage
Input voltage
[V DC] [W]
[W]
[V DC] [W]
[W]
[V DC] [W]
[W]
[V DC] [W]
[W]
16...36 V DC 33.6...75 V DC
3.3
100
132
-
-
-
-
-
-
-
-
-
BP 1101-7R
CP 1101-7R
5.1
122
183
-
-
-
-
-
-
-
-
-
BP 1001-7R
CP 1001-7R
3.3
50
66
5.1
61
91
-
-
-
-
-
-
BP 2101-7R
CP 2101-7R
5.1
61
91
5.1
61
91
-
-
-
-
-
-
BP 2001-7R
CP 2001-7R
12
60
96
12
60
96
-
-
-
-
-
-
BP 2320-7R
CP 2320-7R
15
60
97.5
15
60
97.5
-
-
-
-
-
-
BP 2540-7R
CP 2540-7R
24
60
96
24
60
96
-
-
-
-
-
-
BP 2660-7R
CP 2660-7R
5.1
61
91
12
30
48
12
30
48
-
-
-
BP 3020-7R
CP 3020-7R
5.1
61
91
15
30
48
15
30
48
-
-
-
BP 3040-7R
CP 3040-7R
24
30
48
24
30
48
24
30
48
24
30
48
BP 4660-7R
CP 4660-7R
LGA
Output 1
Output 2
Output 3
Output 4
Type
Type
Uo nom Po nom Po max Uo nom Po nom Po max Uo nom Po nom Po max Uo nom Po nom Po max
Input voltage
Input voltage
[V DC] [W]
[W]
[V DC] [W]
[W]
[V DC] [W]
[W]
[V DC] [W]
[W]
40…100.8VDC 66...150 V DC
3.3
100
132
-
-
-
-
-
-
-
-
-
DP 1101-7R
EP 1101-7R
5.1
122
183
-
-
-
-
-
-
-
-
-
DP 1001-7R
EP 1001-7R
3.3
50
66
5.1
61
91
-
-
-
-
-
-
DP 2101-7R
EP 2101-7R
5.1
61
91
5.1
61
91
-
-
-
-
-
-
DP 2001-7R
EP 2001-7R
12
60
96
12
60
96
-
-
-
-
-
-
DP 2320-7R
EP 2320-7R
15
60
97.5
15
60
97.5
-
-
-
-
-
-
DP 2540-7R
EP 2540-7R
24
60
96
24
60
96
-
-
-
-
-
-
DP 2660-7R
EP 2660-7R
5.1
61
91
12
30
48
12
30
48
-
-
-
DP 3020-7R
EP 3020-7R
5.1
61
91
15
30
48
15
30
48
-
-
-
DP 3040-7R
EP 3040-7R
24
30
48
24
30
48
24
30
48
24
30
48
DP 4660-7R
EP 4660-7R


Similar Part No. - DP2540

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DP2549E0805AT FRONTIER-DP2549E0805AT Datasheet
131Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549E0805BT FRONTIER-DP2549E0805BT Datasheet
204Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549K0603AT FRONTIER-DP2549K0603AT Datasheet
196Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2549K0603BT FRONTIER-DP2549K0603BT Datasheet
193Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2549K0603CT FRONTIER-DP2549K0603CT Datasheet
215Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
More results

Similar Description - DP2540

ManufacturerPart #DatasheetDescription
logo
Power-One
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
   90 - 195 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
logo
Bel Fuse Inc.
HP1001-9RTG BEL-HP1001-9RTG Datasheet
3Mb / 28P
   120 - 192 Watt 10:1 DC-DC Converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com