Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269CDKD-1-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4269CDKD-1-TRPBF
Description  IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269CDKD-1-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4269CDKD-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC4269-1
7
42691fb
TEMPERATURE (°C)
–50
15
25
42691 G10
12
10
–25
0
50
9
8
16
14
13
11
75
100
125
VCC(ON)
VCC(OFF)
TEMPERATURE (°C)
–50
200
250
300
25
75
42691 G11
150
100
–25
0
50
100
125
50
0
TEMPERATURE (°C)
–50
8
9
25
75
42691 G12
7
6
–25
0
50
100
125
5
4
3
10
DYNAMIC CURRENT CPG = 1nF,
CSG = 1nF, fOSC = 100kHz
STATIC PART CURRENT
VCC = 14V
TEMPERATURE (°C)
–50
90
92
96
98
100
110
104
0
50
75
42691 G13
94
106
108
102
–25
25
100
125
FB = 1.1V
SENSE = VSENSE
+
WITH VSENSE
= 0V
TEMPERATURE (°C)
–50
215
25
42691 G14
200
190
–25
0
50
185
180
220
210
205
195
75
100
125
SENSE = VSENSE
+
WITH VSENSE
= 0V
TEMPERATURE (°C)
–50
90
92
96
98
100
110
104
0
50
75
42691 G15
94
106
108
102
–25
25
100
125
COSC = 100pF
TEMPERATURE (°C)
–50
1.230
1.231
1.233
1.234
1.235
1.240
1.237
0
50
75
42691 G16
1.232
1.238
1.239
1.236
–25
25
100
125
TEMPERATURE (°C)
–50
200
250
300
25
75
42691 G17
150
100
–25
0
50
100
125
50
0
RCMP OPEN
TEMPERATURE (°C)
–50
1.03
25
42691 G18
1.00
0.98
–25
0
50
0.97
0.96
1.04
1.02
1.01
0.99
75
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
VCC(ON) and VCC(OFF)
vs Temperature
VCC Start-Up Current
vs Temperature
VCC Current vs Temperature
SENSE Voltage vs Temperature
SENSE Fault Voltage
vs Temperature
Oscillator Frequency
vs Temperature
VFB vs Temperature
Feedback Pin Input Bias
vs Temperature
VFB Reset vs Temperature


Similar Part No. - LTC4269CDKD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269CDKD-2 LINER-LTC4269CDKD-2 Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-PBF LINER-LTC4269CDKD-2-PBF Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-TR LINER-LTC4269CDKD-2-TR Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-TRPBF LINER-LTC4269CDKD-2-TRPBF Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
More results

Similar Description - LTC4269CDKD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com