Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269CDKD-1-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4269CDKD-1-TRPBF
Description  IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269CDKD-1-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4269CDKD-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4269CDKD-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC4269-1
5
42691fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Pins with 100V absolute maximum guaranteed for T ≥ 0°C,
otherwise 90V.
Note 3: Active high PWRGD internal clamp self-regulates to 14V with
respect to VNEG. VCC has internal 19.5V clamp with respect to GND.
Note 4: All voltages are with respect to VPORTN pin unless otherwise noted.
Note 5: Input voltage specifications are defined with respect to LTC4269-1
pins and meet IEEE 802.3af/at specifications when the input diode bridge
is included.
Note 6: Signature resistance is measured via the ΔV/ΔI method with the
minimum ΔV of 1V. The LTC4269-1 signature resistance accounts for the
additional series resistance in the input diode bridge.
Note 7: An invalid signature after the 1st classification event is mandated
by the IEEE802.3at standard. See the Applications Information section.
Note 8: Class accuracy is with respect to the ideal current defined as
1.237/RCLASS and does not include variations in RCLASS resistance.
Note 9: This parameter is assured by design and wafer level testing.
Note 10: VCC = 14V; PG, SG Open; VCMP = 1.5V, VSENSE– = 0V, RCMP = 1k,
RtON = 90k, RPGDLY = 27.4k, RENDLY = 90k, unless otherwise specified. All
voltages are with respect to GND.
Note 11: Supply current does not include gate charge current to the
MOSFETs. See the Applications Information section.
Note 12: Component value range guaranteed by design.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Compensation
Load Compensation to VSENSE Offset Voltage
VRCMP with VSENSE+ = 0V
1
mV
Feedback Pin Load Compensation Current
VSENSE+ = 20mV, VFB = 1.230V
20
μA
UVLO Function
UVLO Pin Threshold (VUVLO)
1.215
1.240
1.265
V
UVLO Pin Bias Current
VUVLO = 1.2V
VUVLO = 1.3V
–0.25
–4.50
0
–3.4
0.25
–2.50
μA
μA


Similar Part No. - LTC4269CDKD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269CDKD-2 LINER-LTC4269CDKD-2 Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-PBF LINER-LTC4269CDKD-2-PBF Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-TR LINER-LTC4269CDKD-2-TR Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269CDKD-2-TRPBF LINER-LTC4269CDKD-2-TRPBF Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
More results

Similar Description - LTC4269CDKD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com