Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269CDKD-2-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4269CDKD-2-PBF
Description  IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269CDKD-2-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4269CDKD-2-PBF Datasheet HTML 5Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 6Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 7Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 8Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 9Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 10Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 11Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 12Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC4269-2

42692fb
Typical perForMance characTerisTics
tDELAY: SOUT Rise to OUT Rise
vs Temperature
tDELAY: SOUT Rise to OUT Rise
vs RDELAY
OUT Rise/Fall Time vs OUT Load
Capacitance
OUT: Max Duty Cycle vs fOSC
OUT: Max Duty Cycle CLAMP
vs SD_VSEC
OUT: Max Duty Cycle CLAMP
vs SS_MAXDC
SS_MAXDC Setting vs fOSC
(for OUT DC = 72%)
SS_MAXDC Reset and Active
Thresholds vs Temperature
TEMPERATURE (°C)
–50
0
50
200
0
50
75
42692 G28
150
100
–25
25
100 125
RDELAY = 40k
RDELAY = 120k
RDELAY (k)
0
0
80
240
80
160
200
42692 G29
160
40
120
240
TA = 25°C
OUT LOAD CAPACITANCE (pF)
0
0
50
25
125
2000
3000
100
75
1000
4000
5000
tr
tf
42692 G30
TA = 25°C
fOSC (kHz)
100
70
80
100
200
300
90
400
500
42692 G31
TA = 25°C
SS_MAXDC = 2.5V
SD_VSEC = 1.4V
SD_VSEC (V)
1.32
0
70
80
90
1.65
1.98
60
50
40
30
20
10
2.31
2.64
42692 G32
TA = 25°C
SS_MAXDC = 1.84V
fOSC = 200kHz
RDELAY = 10k
SS_MAXDC (V)
1.60
20
70
80
90
1.84
2.08
60
50
40
30
42692 G33
TA = 25°C
fOSC = 200kHz
RDELAY = 10k
SD_VSEC = 1.32V
SD_VSEC = 1.98V
SD_VSEC = 2.64V
fOSC (kHz)
100
1.60
2.08
2.20
2.32
500
400
300
200
1.96
1.84
1.72
42692 G34
TA = 25°C
SD_VSEC = 1.32V
RDELAY = 10k
0
0.8
1.0
1.2
0.6
0.4
0.2
42692 G35
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125
ACTIVE THRESHOLD
RESET THRESHOLD


Similar Part No. - LTC4269CDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269CDKD-1-PBF LINER-LTC4269CDKD-1-PBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269CDKD-1-TRPBF LINER-LTC4269CDKD-1-TRPBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269CDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-2 LINER-LTC4269-2_15 Datasheet
393Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
203Kb / 20P
   IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com