Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269CDKD-2-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4269CDKD-2-PBF
Description  IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269CDKD-2-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4269CDKD-2-PBF Datasheet HTML 1Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 2Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 3Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 4Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 5Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 6Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 7Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 8Page - Linear Technology LTC4269CDKD-2-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC4269-2

42692fb
Typical applicaTion
FeaTures
applicaTions
DescripTion
IEEE 802.3at High Power PD
and Synchronous Forward
Controller with AUX Support
The LTC®4269-2 is an integrated Powered Device (PD)
interface and power supply controller featuring 2-event
classification signaling, flexible auxiliary power op-
tions, and a power supply controller suitable for syn-
chronously rectified forward supplies. These features
make the LTC4269-2 ideally suited for an IEEE802.3at
PD application.
The PD controller features a 100V MOSFET that isolates
the power supply during detection and classification, and
provides 100mA inrush current limit. Also included are
power good outputs, an undervoltage/overvoltage lock-
out and thermal protection. The current mode forward
controller allows for synchronous rectification, resulting
in an extremely high efficiency, green product. Soft-start
for controlled output voltage start-up and fault recovery is
included.Programmablefrequencyover100kHzto500kHz
allows flexibility in efficiency vs size and low EMI.
n
25.5W IEEE 802.3at Compliant (Type-2) PD
n
PoE+ 2-Event Classification
n
IEEE 802.3at High Power Available Indicator
n
Integrated State-of-the-Art Synchronous Forward
Controller
– Isolated Power Supply Efficiency >94%
n
Flexible Auxiliary Power Interface
n
Superior EMI Performance
n
Robust 100V 0.7Ω (Typ) Integrated Hot Swap™
MOSFET
n
Integrated Signature Resistor, Programmable Class
Current, UVLO, OVLO and Thermal Protection
n
Short-Circuit Protection with Auto-Restart
n
Programmable Switching Frequency from
100kHz to 500kHz
n
Thermally Enhanced 7mm
× 4mm DFN Package
n
IP Phones with Large Color Screens
n
Dual Radio 802.11n Access Points
n
PTZ Security Cameras
+
T2P VNEG
VPORTN
SHDN
RCLASS
VPORTP
PGND
TO
MICRO-
CONTROLLER
GND BLANK DELAY
82k
30.9
332k 158k
133
10k
5.1
158k
22.1k
33k
1.5k
50m
2k
1.2k
TLV431
VCC
11.3k
3.65k
42692 TA01
22k
0.22µF
0.1µF
ROSC
VREF
FB
COMP
ISENSE
OC
SS_MAXDC
SD_VSEC
VIN
PWRGD
SOUT
LTC4269-2
0.1µF
10µF
VCC
33k
237k
2.2µF
+
10µF
10µH
1mH
6.8µH
10.0k
OUT
4.7nF
0.1µF
54V FROM
DATA PAIR
54V FROM
SPARE PAIR
+
~
~
+
~
~
4.7nF
10nF
+
220µF
5V
5A
PoE-Based Self-Driven Synchronous Forward Power Supply
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Hot Swap, ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.


Similar Part No. - LTC4269CDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269CDKD-1-PBF LINER-LTC4269CDKD-1-PBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269CDKD-1-TRPBF LINER-LTC4269CDKD-1-TRPBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269CDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-2 LINER-LTC4269-2_15 Datasheet
393Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
203Kb / 20P
   IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com