Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4310-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4310-1
Description  Hot-Swappable I2C Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4310-1 Datasheet HTML 3Page - Linear Technology LTC4310-1 Datasheet HTML 4Page - Linear Technology LTC4310-1 Datasheet HTML 5Page - Linear Technology LTC4310-1 Datasheet HTML 6Page - Linear Technology LTC4310-1 Datasheet HTML 7Page - Linear Technology LTC4310-1 Datasheet HTML 8Page - Linear Technology LTC4310-1 Datasheet HTML 9Page - Linear Technology LTC4310-1 Datasheet HTML 10Page - Linear Technology LTC4310-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
FuncTional DiagraM
431012 FD
+
POR CIRCUITRY
0.45 • VCC
0.45 • VCC
RISE RATE
LIMITER
dV/dtRISE
VCC
IBOOST
RX
FALLING VIL
RISING VIL
UVLO
SDA
1.25V
TXP
1.25V
TXN
STUCK BUS
TIMERS
8
2
7
+
+
0.35 • VCC
+
0.35V
6
LOGIC
+
0.5V
+
0.45 • VCC
0.45 • VCC
RISE RATE
LIMITER
dV/dtRISE
VCC
IBOOST
RX
FALLING VIL
RISING VIL
SCL
3
+
EN
1
+
0.35 • VCC
VCC
+
0.35V
LOGIC
tSD
+
150µA
150µA
RXP
9
RXN
RXP
RXN
SCL
SDA
10
READY
4
GND
5
+
2.4V/2.21V
+
+
+
0.5V
+
STOP BIT
AND BUS IDLE
DETECTORS
LOGIC


Similar Part No. - LTC4310-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4310-1 LINER-LTC4310-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4310-1 LINER-LTC4310-1 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4310-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com