Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS30ZE Datasheet(PDF) 8 Page - Power-One

Part # HLS30ZE
Description  HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HLS30ZE Datasheet(HTML) 8 Page - Power-One

  HLS30ZE Datasheet HTML 1Page - Power-One HLS30ZE Datasheet HTML 2Page - Power-One HLS30ZE Datasheet HTML 3Page - Power-One HLS30ZE Datasheet HTML 4Page - Power-One HLS30ZE Datasheet HTML 5Page - Power-One HLS30ZE Datasheet HTML 6Page - Power-One HLS30ZE Datasheet HTML 7Page - Power-One HLS30ZE Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HLS30 Series – 30A Half-Brick DC/DC Converter
48V Input
Data Sheet
5.0V, 3.3V, 2.5V Output
Rev. 10/01
Page 8 of 8
Mechanical Drawing
Ordering Information
Options
Suffixes to add to part number
Positive- no suffix required
Remote ON/OFF
Negative- Add “N” suffix
Negative- no suffix required
Trim
Positive - Add “T” suffix
0.18”- no suffix required
0.11”- Add “8” suffix
Pin Length
0.15”- Add “9” suffix
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Tolerances: .xx + .020 (.5)
.xxx + .010 (.25)
Pin Diameter
+ 0.002 (.05)
PIN
FUNCTION
1-Vin
2No Pin
3On/Off
4+Vin
5
-Vout
6-Sense
7Trim
8+Sense
9
+Vout


Similar Part No. - HLS30ZE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HLS308A COPAL-HLS308A Datasheet
557Kb / 6P
   Miniature Rocker Switches
HLS308A12 COPAL-HLS308A12 Datasheet
557Kb / 6P
   Miniature Rocker Switches
HLS308D COPAL-HLS308D Datasheet
557Kb / 6P
   Miniature Rocker Switches
HLS308D12 COPAL-HLS308D12 Datasheet
557Kb / 6P
   Miniature Rocker Switches
HLS308K COPAL-HLS308K Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results

Similar Description - HLS30ZE

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
HHD20ZGE POWER-ONE-HHD20ZGE Datasheet
99Kb / 2P
   HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
TLD20ZGE POWER-ONE-TLD20ZGE Datasheet
74Kb / 2P
   TLD Series . 20/25A, 쩐-Brick, DC/DC Converter 48V Input Dual Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com