Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5582IDD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC5582IDD-PBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5582IDD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC5582IDD-PBF Datasheet HTML 7Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 8Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 9Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 10Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 11Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 12Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 13Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 14Page - Linear Technology LTC5582IDD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC5582

5582f
applicaTions inForMaTion
Figure 4. Differential Input Configuration
Figure 5. Single-Ended-to-Differential Conversion
Figure 7. Output Voltage vs RF Input Power
while the overall dynamic range remains the same. At
high frequency, additional LC elements may be needed
for the input impedance matching due to the parasitics
of the transformer and PCB traces.
J1
RF INPUT
IN
4
IN+
VCC
T1
1:8
5582 F04
200
200
LTC5582
2
DEC
3
50pF
Figure 6. RF Input Return Loss
Due to the high input impedance of the LTC5582, a narrow
band L-C matching network can be also used to convert a
single-ended input to differential signal as shown in Figure
5. By this means, the sensitivity and overall linear dynamic
rangeofthedetectorwillbeverysimilartotheoneusing1:8
RF input balun. The conversion gain is strongly dependent
on the loss (or Q) of the matching network, particularly at
high frequency. The lower the Q, the lower the conversion
gain.However,thematchingbandwidthiscorrespondingly
wider. The following formulas are provided to calculate the
input matching network for single-ended-to-differential
conversion at low RF frequency (i.e., below 1GHz).
C
C
fc
R
fc
pF
S
S
IN
1
2
9
1
50
2 25 10
=
=
=
π
. •
( )
L
R
fc
fc
nH
M
IN
=
=
50
2
2 25 1010
π
. •
( )
where RIN is the differential input resistance (400Ω) and
fc is the center RF operating frequency.
As an example, Figure 6 shows that good input return
loss is achieved from 300MHz to 400MHz when Cs1= Cs2
= 6.8pF and LM = 66nH. Figure 7 show the sensitivity is
also improved by 8dB at 350MHz while the dynamic range
remains the same.
Although these equations give a good starting point,
it is usually necessary to adjust the component values
after building and testing the circuit. As the RF operating
frequency increases, the real values of CS1, CS2, LM will
deviate from the above equations due to parasitics of the
components, device and PCB layout.
For a 50Ω input termination, the approximate RF input
power range of the LTC5582 is from –60dBm to 2dBm,
RF INPUT
CS1
6.8pF
CS2
6.8pF
TO IN
TO IN+
5582 F05
MATCHING NETWORK
LM
66nH
FREQUENCY (MHz)
0
0
–5
–10
–15
–20
–25
–30
5582 F06
1000
900
800
700
600
500
400
300
200
100
RF INPUT POWER (dBm)
–75 –65
–25
–45
–5
5582 F07
5
–35
–55
–15
SINGLE-ENDED-TO-
DIFFERENTIAL INPUTS
SINGLE-ENDED
2.8
2.4
1.6
0.8
2.0
1.2
0.4


Similar Part No. - LTC5582IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5582 LINER-LTC5582 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results

Similar Description - LTC5582IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com