Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6255 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6255
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 6Page - Linear Technology LTC6255 Datasheet HTML 7Page - Linear Technology LTC6255 Datasheet HTML 8Page - Linear Technology LTC6255 Datasheet HTML 9Page - Linear Technology LTC6255 Datasheet HTML 10Page - Linear Technology LTC6255 Datasheet HTML 11Page - Linear Technology LTC6255 Datasheet HTML 12Page - Linear Technology LTC6255 Datasheet HTML 13Page - Linear Technology LTC6255 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6255/LTC6256/LTC6257
0
625567f
CapacitiveLoadHandling
OvershootvsCapacitiveLoad
Large-SignalResponse
Large-SignalResponse
TIME (ms)
0
2.5
–0.5
2.0
1.0
0
–1.5
1.5
0.5
–2.0
–10
–2.5
60
625567 G29
100
80
40
20
VS = ±2.5V
AV = 1
RLOAD = 10k
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
TIME (µs)
0
0.9
0.6
0
–0.3
0.3
–0.6
–0.9
60
625567 G30
100
80
40
20
VS = ±0.9V
AV = 1
RLOAD = 10k
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
CLOAD (nF)
625567 G28
0.01
0.1
10
100
1
16
8
4
12
0
10
6
14
2
VS = ±2.5V
VCM = 0V
AV = 1
VIN = ±2V
typicAl perForMAnce chArActeristics
SlewRatevsSupplyVoltage
CommonModeRejectionRatio
vsFrequency
PowerSupplyRejectionRatio
vsFrequency
VS+, SUPPLY VOLTAGE (V)
1.5
2.5
1.5
0.5
0
2.0
1.0
625567 G25
2.5
3.5
4.5
5.5
RISING
FALLING
VS– = 0V
VSTEP = VS+ – 1V
AV = 1
RF = RG = 10k
150
100
50
0
625567 G26
FREQUENCY (Hz)
1k
10k
1M
10M
100k
VS = ±2.5V
VCM = 0V
150
100
50
0
625567 G27
FREQUENCY (Hz)
0.001 0.01 0.1
1
10
1k
10k
100
V+, VS = 1.8V, 0V
V+, VS = 5V, 0V
V, VS = 1.8V, 0V
V, VS = 5V, 0V


Similar Part No. - LTC6255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6255 LINER-LTC6255 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6255 LINER-LTC6255 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255IS6 LINER-LTC6255IS6 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com