Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5582IDD-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5582IDD-TRPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5582IDD-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5582IDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC5582IDD-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC5582

5582f
VCC = 3.3V, EN = 3.3V, TA = 25°C unless otherwise
noted. Test circuits shown in Figure 1.
Typical perForMance characTerisTics
Logarithmic Intercept Distribution
vs Temperature, 2140MHz
Output Transient Response,
C3 = 8nF
Slope vs Frequency
Logarithmic Intercept vs
Frequency
Slope Distribution vs
Temperature, 2140MHz
FREQUENCY (GHz)
0
31.0
30.5
29.5
28.5
30.0
29.0
28.0
4
2
5582 G21
6
3
1
5
TA = 85°C
TA = 25°C
TA = –40°C
FREQUENCY (GHz)
0
–72
–75
–81
–87
–78
–84
–90
4
2
5582 G22
6
3
1
5
TA = 85°C
TA = 25°C
TA = –40°C
TIME (µs)
0
4.8
4.4
3.6
2.8
2.0
1.2
4.0
3.2
2.4
1.6
0.8
0.4
4
8
2
6
5582 G25
10
3
7
1
5
9
fRF = 100MHz
RF PULSE OFF
RF PULSE ON
RF PULSE OFF
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
SLOPE (mV/dB)
27.9
35
30
20
10
25
15
5
0
28.5
5582 G23
30.3
29.7
29.1
TA = 85°C
TA = 25°C
TA = –40°C
LOGRITHMIC INTERCEPT (dBm)
–90
25
20
10
15
5
0
5582 G24
–80
–82
–84
–86
–88
TA = 85°C
TA = 25°C
TA = –40°C
Output Voltage, Linearity Error vs
RF Input Power, 8GHz
RF INPUT POWER (dBm)
–45
2.8
2.4
1.6
0.8
2.0
1.2
0.4
3
2
0
–2
1
–1
–3
–25
–5
5582 G30
10
5
–35
–15
TA = 85°C
TA = 25°C
TA = –40°C
Output Voltage Temperature
Variation from 25°C, 8GHz
Output Voltage Linearity Error vs
RF Input Power, 10GHz
RF INPUT POWER (dBm)
3
2
0
–2
1
–1
–3
5582 G31
TA = 85°C
TA = –40°C
–45
–25
–5
10
5
–35
–15
–45
–25
–5
10
5
–35
–15
RF INPUT POWER (dBm)
2.8
2.4
1.6
0.8
2.0
1.2
0.4
3
2
0
–2
1
–1
–3
5582 G32
TA = 85°C
TA = 25°C
TA = –40°C
–45
–25
–5
10
5
–35
–15
Output Voltage Temperature
Variation from 25°C, 10GHz
RF INPUT POWER (dBm)
3
2
0
–2
1
–1
5582 G33
TA = 85°C
TA = –40°C
–45
–25
–5
10
5
–35
–15


Similar Part No. - LTC5582IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5582 LINER-LTC5582 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results

Similar Description - LTC5582IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com