Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTU0G225M8R Datasheet(PDF) 5 Page - Rohm

Part # TCTU0G225M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTU0G225M8R Datasheet(HTML) 5 Page - Rohm

  TCTU0G225M8R Datasheet HTML 1Page - Rohm TCTU0G225M8R Datasheet HTML 2Page - Rohm TCTU0G225M8R Datasheet HTML 3Page - Rohm TCTU0G225M8R Datasheet HTML 4Page - Rohm TCTU0G225M8R Datasheet HTML 5Page - Rohm TCTU0G225M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.D
Data Sheet
TCT Series U Case
Packaging specifications
Taping [U case]
Feeding direction
P2
P1
A
B
P0
t1
t2
Compoent is
loaded
D0
t1
±0.05
t2
±0.1
Some cases, there is center-hole on the bottom of emboss-tape.
φ1.55
0.20
0.60
Case code
U
B
±0.1
A
±0.1
P2
±0.1
P0
±0.1
0.75
1.25
W
±0.2
8.0
E
±0.1
1.75
F
±0.05
3.5
2.0
P1
±0.1
2.0
4.0
W
E
F
Sproket hole
φD0
Packaging style
10,000pcs
Case code
Packaging
Taping
U case
Packaging style
plastic taping
φ180mm Reel
Symbol
R
Basic ordering units
Reel [U case]
11.4 1.0
Label sticking position
EIAJ ET
−7200A
Pull direction
+−


Similar Part No. - TCTU0G225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTU0G106M8R ROHM-TCTU0G106M8R Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCTU0G475M8R ROHM-TCTU0G475M8R Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCTU0G685M8R ROHM-TCTU0G685M8R Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
More results

Similar Description - TCTU0G225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com