Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC284SDR-5EP Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC284SDR-5EP
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC284SDR-5EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC284SDR-5EP Datasheet HTML 5Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 6Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 7Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 8Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 9Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 10Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 11Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 12Page - Texas Instruments UCC284SDR-5EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IOUT=0A
IOUT (NOM)
IOVER
IPEAK
VOUT = 0V
VOUT
=(IPEAK)(RL)
VOUT NOM. (−V)
CT = 0V
CT (NOM) = − 1.6V
CT = − 2.6V
NOTE: CURRENT FLOW IS INTO THE DEVICE
t ON
t OFF
t ON
t OFF
t ON
UDG−99031
~40 x tON
~40 x tON
UCC284-EP
www.ti.com ....................................................................................................................................... SLVS862A – NOVEMBER 2008 – REVISED NOVEMBER 2008
Figure 5. Short Circuit Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC284-EP


Similar Part No. - UCC284SDR-5EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284 TI-UCC284 Datasheet
292Kb / 10P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
UCC284-12 TI-UCC284-12 Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
UCC284-12 TI-UCC284-12 Datasheet
292Kb / 10P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-5 TI-UCC284-5 Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
More results

Similar Description - UCC284SDR-5EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-5 TI-UCC284-5 Datasheet
292Kb / 10P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com