Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6990IS6-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6990IS6-TRPBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990IS6-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6990IS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 13Page - Linear Technology LTC6990IS6-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC6990
10
6990p
OPERATION
The LTC6990 is built around a master oscillator with a
1MHz maximum frequency. The oscillator is controlled
by the SET pin current (ISET) and voltage (VSET), with a
1MHz • 50k conversion factor that is accurate to ±0.8%
under typical conditions.
fMASTER =
1
tMASTER
= 1MHz • 50k •
ISET
VSET
A feedback loop maintains VSET at 1V ±30mV, leaving ISET
as the primary means of controlling the output frequency.
The simplest way to generate ISET is to connect a resistor
(RSET) between SET and GND, such that ISET = VSET/RSET.
The master oscillator equation reduces to:
fMASTER =
1
tMASTER
= 1MHz • 50k
RSET
From this equation it is clear that VSET drift will not affect
the output frequency when using a single program resistor
(RSET). Error sources are limited to RSET tolerance and the
inherent frequency accuracy
ΔfOUT of the LTC6990.
RSET values between 50k and 800k (equivalent to ISET
between 1.25μA and 20μA) produce the best results,
although RSET may be reduced to 25k (ISET = 40μA) with
reduced accuracy.
The LTC6990 includes a programmable frequency divider
which can further divide the frequency by 1, 2, 4, 8, 16,
32, 64 or 128 before driving the OUT pin. The divider ratio
NDIV is set by a resistor divider attached to the DIV pin.
fOUT =
1
tOUT
= 1MHz • 50k
NDIV
ISET
VSET
With RSET in place of VSET/ISET the equation reduces to:
fOUT =
1
tOUT
= 1MHz • 50k
NDIV •RSET
DIVCODE
The DIV pin connects to an internal, V+ referenced 4-bit
A/D converter that monitors the DIV pin voltage (VDIV) to
determine the DIVCODE value. DIVCODE programs two
settings on the LTC6990:
1. DIVCODE determines the output frequency divider
setting, NDIV.
2. DIVCODE determines the state of the output when
disabled, via the Hi-Z bit.
VDIV may be generated by a resistor divider between V+
and GND as shown in Figure 1.
Figure 1. Simple Technique for Setting DIVCODE
6990 F01
LTC6990
V+
DIV
GND
R1
R2
2.25V TO 5.5V


Similar Part No. - LTC6990IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990IS6PBF LINER-LTC6990IS6PBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990IS6TRPBF LINER-LTC6990IS6TRPBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com