Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6257CMS-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6257CMS-TRPBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6257CMS-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6257CMS-TRPBF Datasheet HTML 5Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 6Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 7Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 8Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 9Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 10Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 11Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 12Page - Linear Technology LTC6257CMS-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
typicAl perForMAnce chArActeristics
TotalHarmonicDistortion
andNoise
TotalHarmonicDistortion
andNoise
GainandPhasevsFrequency
NoiseVoltageDensityvs
Frequency
WideBandNoiseVoltageDensity
vsFrequency
InputNoiseCurrentvsFrequency
300
250
200
150
100
50
0
625567 G19
FREQUENCY (Hz)
1
10
10k
100k
1k
100
VS = ±2.5V
VCM = 0V
80
70
60
40
30
20
10
50
0
625567 G20
FREQUENCY (Hz)
0
2M
6M
4M
VS = ±2.5V
VCM = 0V
25
20
15
10
5
0
625567 G21
FREQUENCY (Hz)
1
10
1k
10k
100
VS = ±2.5V
VCM = 0V
VOUTP-P (V)
625567 G22
1
0.1
0.01
0.001
0.01
1
10
0.1
VS = ±0.9V
VCM = 0V
AV = 2
RG = RF = 10k
1kHz
500Hz
VOUTP-P (V)
625567 G23
1
0.1
0.01
0.001
0.01
1
0.1
VS = ±2.5V
VCM = 0V
AV = 2
RF = RG = 10k
1kHz
500Hz
FREQUENCY (Hz)
625567 G24
10k
1M
10M
100k
PHASE
MAGNITUDE
80
40
20
60
–20
50
30
70
10
0
–10
–60
–100
–120
–80
–160
–90
–110
–70
–130
–140
–150
VS = ±2.5V
VCM = 0V


Similar Part No. - LTC6257CMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6257 LINER-LTC6257 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6257CMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com