Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6962FVM Datasheet(PDF) 2 Page - Rohm

Part # BD6962FVM
Description  Silicon Monolithic Integrated Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6962FVM Datasheet(HTML) 2 Page - Rohm

  BD6962FVM_1 Datasheet HTML 1Page - Rohm BD6962FVM_1 Datasheet HTML 2Page - Rohm BD6962FVM_1 Datasheet HTML 3Page - Rohm BD6962FVM_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
REV. B
+〇ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta=25℃,Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current 1
Icc1
1
3
5
mA
PWM=GND
Circuit current 2
Icc2
2
5
8
mA
PWM=OPEN
Input offset voltage
VHOFS
-
-
±6
mV
FG hysteresis voltage
VHYS
±5
±10
±15
mV
PWM input H level
VPWMH
2.5
-
Vcc+0.3V
V
PWM input L level
VPWML
-0.3
-
0.8
V
PWM input current
IPWMH
11
22
33
μA
PWM=5.0V
IPWML
-42
-28
-14
μA
PWM=GND
Input frequency
FPWM
0.02
-
50
kHz
Output voltage
VO
-
0.4
0.6
V
Io=300mA
Upper and Lower total
Input-output Gain
GIO
45
48
51
dB
FG low voltage
VFGL
-
-
0.4
V
IFG=5mA
FG leak current
IFGL
-
-
20
μA
VFG=15V
Lock detection ON time
TON
0.35
0.50
0.65
s
Lock detection OFF time
TOFF
3.5
5.0
6.5
s
〇PACKAGE OUTLINES
〇BLOCK DIAGRAM
〇TERMINAL NAME
PIN No.
Terminal
name
1
OUT2
2
Vcc
3
H+
4
H-
5
FG
6
PWM
7
OUT1
8
GND
Vcc
H+
H-
OUT2
500Ω
150kΩ
500Ω
150kΩ
90kΩ
2.8V
10kΩ
1
2
3
4
8
7
6
5
OSC
Lock
Protection
Control
OUT1
PWM
FG
GND
+
-
-
+
-
+
TSD
4
1
5
8
2.9
± 0.1
0.475
0.22
0.65
0.08 S
+0.05
−0.04
0.145 +
0.05
−0.03
0.08 M
MSOP8 (UNIT:mm)
Lot No.
6
2
D 6 9


Similar Part No. - BD6962FVM_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6962FVM ROHM-BD6962FVM_11 Datasheet
95Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM_14 Datasheet
481Kb / 17P
   Standard Single-phase Full wave Fan motor driver
More results

Similar Description - BD6962FVM_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com