Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6762FS-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD6762FS-E2
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6762FS-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD6762FS-E2 Datasheet HTML 3Page - Rohm BD6762FS-E2 Datasheet HTML 4Page - Rohm BD6762FS-E2 Datasheet HTML 5Page - Rohm BD6762FS-E2 Datasheet HTML 6Page - Rohm BD6762FS-E2 Datasheet HTML 7Page - Rohm BD6762FS-E2 Datasheet HTML 8Page - Rohm BD6762FS-E2 Datasheet HTML 9Page - Rohm BD6762FS-E2 Datasheet HTML 10Page - Rohm BD6762FS-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
7/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
2)BD6762FV
Fig.10 BD6762FV Block Diagram
BD6762FV pin Function
No. Pin name
Function
No. Pin name
Function
1
GND
GND pin
21
ST/SP
Start/Stop pin
2
RF
Motor current detection pin
22
FR
Forward/reverse rotation switching pin
3
UHG
U-phase high-side FET gate pin
23
SB
Short brake pin
4
U
Protection pin for U-phase high-side
FET GS breakdown voltage
24
120/SL
120°/slope switching pin
5
ULG
U-phase low-side FET gate pin
25
FGIN+
FG amplifier input + pin
6
VHG
V-phase high-side FET gate pin
26
FGIN-
FG amplifier input - pin
7
V
Protection pin for V-phase high-side
FET GS breakdown voltage
27
FGOUT
FG amplifier output pin
8
VLG
V-phase low-side FET gate pin
28 FGSOUT FGS output pin
9
WHG
W-phase high-side FET gate pin
29
CLKIN
Reference CLK input pin
10
W
Protection pin for W-phase high side
FET GS breakdown voltage
30
LPF
VCO system loop filter connection pin
11
WLG
W-phase low-side FET gate pin
31
POUT
PLL output pin
12
VREG
Internal power supply 5 V output pin
32
DOUT
Speed discriminator output pin
13
CFE
PWM frequency control pin
33
INTIN
Integration amplifier input pin
14
RFE
CEF charge/discharge current control pin
34
INTOUT Integration amplifier output pin
15
HU+
Hall signal input pin
35
LP
Motor lock protection time setting pin
16
HU-
Hall signal input pin
36
LD
Motor rotation number lock detection pin
17
HV+
Hall signal input pin
37
VCC
VCC pin
18
HV-
Hall signal input pin
38
VG
Step-up voltage output pin
19
HW+
Hall signal input pin
39
CP2
Capacitor connection pin (to CP1)
20
HW-
Hall signal input pin
40
CP1
Capacitor connection pin (to CP2)
2k (1kΩ ~ 5kΩ)
1kΩ ~ 100kΩ
R1
1kΩ ~ 100kΩ
0.1µF
C9 0.33µF
5k (2kΩ ~ 10kΩ)
R2
BOOSTER
ST/SP
FR
FGIN+
FGIN-
FGOUT
INTOUT
VG
VCC
LP
CP2
GND
UHG
ULG
VHG
VLG
WHG
WLG
CFE
RFE
HW+
HW-
M
V
U
W
DOUT
INTIN
HV+
HV-
SB
120/SL
CLKIN
LPF
POUT
LD
MOS
FET
VCO
FGSOUT
CP1
RF
HU+
HU-
PRE
DRIVER
VELOCITY
DISCRIMINATOR
REGURATOR
DIVIDER
VCO
PHASE
COMPARISON
PLL
HALL
COMP
LP
LD
CLK
OSCILLATOR
DAC3
470pF
1kΩ
(0.01µF~0.1µF)
0.1µF
1000pF (500pF ~ 2000pF)
20k (20kΩ ~ 100kΩ)
0.01µF
0.1µF
0.1Ω
0.01µF (0.01µF ~ 0.1µF)
10µF
C7 0.22µF (0.1µF ~ 1µF)
R6 220kΩ
C5 0.047µF
C6 0.47µF
R5
1MΩ
R4
20kΩ
C8 0.33µF
R7 2kΩ
150pF
390kΩ
4.7kΩ 0.1µF
1µF
VREG
LOGIC
TRIANGULAR
OSCILLATOR
MOS
FET
VCO
MOS
FET
VCO
0.1µF
0.1µF
0.01µF
0.01µF
HU
HV
HW
VCC
10kΩ
10kΩ
Capacitor for the protection
between the output FET drain
and source
See P. 18/22.
Resistor for setting the current
limit
See P. 18/22.
RF voltage smoothing low
pass filter
See P. 18/22.
Capacitor for preventing
VREG oscillation
See P. 18/22.
PWM frequency external
constant
See P. 18/22.
Capacitor for Hall noise
elimination
See P. 18/22.
Capacitor for setting VG
current capacity
See P. 18/22.
Resistor for setting FG
amplifier gain and the
capacitor for the filter
See P. 18/22.
RNF
R1
C1
R2
C2
Speed lock
detection pull-up
resistor
Capacitor for the
motor lock detection
time
See P. 19/22.
Integration amplifier
external constant
See P. 19/22.
FGSOUT pull-up resistor
MOS FET
Output FET gate voltage
stabilization resistor
See P. 19/22.
For setting Hall input level
See P. 18/22.
For setting Hall input level
See P. 18/22.
LPF external constant
See P. 19/22.
Capacitor for VCC pin
noise elimination
See P. 19/22.


Similar Part No. - BD6762FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6762FV ROHM-BD6762FV Datasheet
342Kb / 6P
   3-phase motor pre-driver for LBP
More results

Similar Description - BD6762FS-E2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2625A NJRC-NJM2625A Datasheet
133Kb / 5P
   3-Phase DC Brushless Motor Pre-Drivers Technical Information
logo
Monolithic Power System...
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
   5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
logo
Rohm
BD16852EFV-C ROHM-BD16852EFV-C Datasheet
3Mb / 59P
   Three-phase Brushless Motor Driver for Automotive
27.Sep.2021 Rev.001
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com