Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7830NUV Datasheet(PDF) 3 Page - Rohm

Part # BD7830NUV
Description  1.1W to1.5W Monaural Speaker Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7830NUV Datasheet(HTML) 3 Page - Rohm

  BD7830NUV_1 Datasheet HTML 1Page - Rohm BD7830NUV_1 Datasheet HTML 2Page - Rohm BD7830NUV_1 Datasheet HTML 3Page - Rohm BD7830NUV_1 Datasheet HTML 4Page - Rohm BD7830NUV_1 Datasheet HTML 5Page - Rohm BD7830NUV_1 Datasheet HTML 6Page - Rohm BD7830NUV_1 Datasheet HTML 7Page - Rohm BD7830NUV_1 Datasheet HTML 8Page - Rohm BD7830NUV_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD7830NUV
Outer dimension
Reference land pattern (adapt as necessary to suit conditions during actual design.)
E3
b2
e
Thermal via
Unit: mm
PKG type
Lead pitch
Land
Gap
Length Width
e
MD1
L2
b2
VSON008V2030
0.50
2.20
0.70
0.27
PKG type
Central pad
Thermal via
Length Width
Pitch
Diameter
D3
E3
VSON008V2030
1.20
1.60
φ
0.300
This package is a non-lead type, so solderability of the lead ends and sides are
not guaranteed.
D78
30


Similar Part No. - BD7830NUV_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BD7830NUV_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_15 Datasheet
540Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com