Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z14UTT87P Datasheet(PDF) 2 Page - Rohm

Part # SML-Z14UTT87P
Description  High brightness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14UTT87P Datasheet(HTML) 2 Page - Rohm

  SML-Z14UTT87P Datasheet HTML 1Page - Rohm SML-Z14UTT87P Datasheet HTML 2Page - Rohm SML-Z14UTT87P Datasheet HTML 3Page - Rohm SML-Z14UTT87P Datasheet HTML 4Page - Rohm SML-Z14UTT87P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
2.5
2.7
2.9
3.1
3.3
3.5
Ta=25°C
SMLZ14WBECW
SMLZ13WBDAW
SMLZ13WBDBW
SMLZ13WBDCW(A)
SMLZ13WBDDW(A)
SMLZ13EDT(A)
SMLZ13BDT(A)
100
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
10
FORWARD VOLTAGE:VF (V)
Ta=25°C
100
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
10
FORWARD VOLTAGE:VF (V)
Ta=25°C
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
ATMOSPHERE TEMPERATURE:Ta (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
0
-20
-40
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
0
-20
-40
IF=50mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
0
1.0
2.0
3.0
4.0
70
60
50
40
30
20
10
0
Ta=25°C
FORWARD CURRENT:IF (mA)
0
1.0
0.5
1.5
70
60
50
40
30
20
10
0
Ta=25°C
1.5
0.0
0.5
1.0
FORWARD CURRENT:IF (mA)
0
5
10
15
30
25
20
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
-20
-40
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
-20
-40
AMBIENT TEMPERATURE:Ta (°C)
40
30
20
10
-40
-20
0
20
40
60
80
100
0
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
SMLZ14WBECW
SMLZ13WBDAW
SMLZ13WBDBW
SMLZ13WBDCW(A)
SMLZ13WBDDW(A)
SMLZ13EDT(A)
SMLZ13BDT(A)
SMLZ14WBECW
SMLZ13WBDAW
SMLZ13WBDBW
SMLZ13WBDCW(A)
SMLZ13WBDDW(A)
SMLZ13EDT(A)
SMLZ13BDT(A)
SMLZ14WBECW
SMLZ13WBDAW
SMLZ13WBDBW
SMLZ13WBDCW(A)
SMLZ13WBDDW(A)
SMLZ13EDT(A)
SMLZ13BDT(A)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-Z1 Series
2/4
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.B


Similar Part No. - SML-Z14UTT87P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14UT ROHM-SML-Z14UT Datasheet
1Mb / 5P
   High brightness
SML-Z14UT ROHM-SML-Z14UT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14UT ROHM-SML-Z14UT Datasheet
536Kb / 12P
   High brightness
SML-Z14UTA ROHM-SML-Z14UTA Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results

Similar Description - SML-Z14UTT87P

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com