Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8918FV Datasheet(PDF) 4 Page - Rohm

Part # BD8918FV
Description  IC Care Interface ICs with Built-in Low LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8918FV Datasheet(HTML) 4 Page - Rohm

  BD8918FV Datasheet HTML 1Page - Rohm BD8918FV Datasheet HTML 2Page - Rohm BD8918FV Datasheet HTML 3Page - Rohm BD8918FV Datasheet HTML 4Page - Rohm BD8918FV Datasheet HTML 5Page - Rohm BD8918FV Datasheet HTML 6Page - Rohm BD8918FV Datasheet HTML 7Page - Rohm BD8918FV Datasheet HTML 8Page - Rohm BD8918FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Note
4/15
BD8918F,BD8918FV,BD8919F,BD8919FV
www.rohm.com
2010.4 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Description
Pin No. Pin Name
I/O
Signal
Level
Pin Function
1
XTAL1
I
VDD
Crystal connection or input for external clock
2
XTAL2
O
VDD
Crystal connection (leave open pin when external clock source is used)
3
VDD
S
VDD
3.3 V power source pin for host interface.
Connect 0.1µF capacitor between the VDD and GND pins.
4
CLKSEL
I
VDD
Input for clock frequency
division setting.
Pulled down to GND
with a 50k
 resistor.
BD8918F/FV H: 1/1 division; L: 1/2 division.
BD8919F/FV H: 1/2 division; L: 1/4 division.
5
RSTIN
I
VDD
Card reset signal input. Pulled down to GND with a 50k
 resistor.
6
IO_U
I/O
VDD
Host data I/O line; Pulled up to VDD with an 11k
 resistor
7
CGND
S
GND
GND
8
IO_C
I/O
VCC
I/O data line on the card side. Pulled up to VCC with an 11k
resistor.
9
RST
O
VCC
Card reset output
10
CLK
O
VCC
Card clock output
11
VCC
O
VCC
Card supply voltage. Connect 1µF capacitor between VCC and the CGND pins.
12
VDDP
S
VDDP
5V power source pin for card power feed. Connect 10µF capacitor between the
VDDP and CGND pins.
13
PRES
I
VDD
Card presence contact input (“H” active). Pulled up to VDD with a 50k
 resistor.
Connected to a switch where GND level is inputted when no card is inserted and
OPEN is inputted when a card is inserted. When “H” level is detected, a card is
assumed to be inserted and waits for the CMDVCCB input for the confirmation,
after the debounce time of typ. 8ms.
14
OFFB
O
VDD
Alarm output pin (“L” active).
NMOS open drain output. Pulled up to VDD with a 20k
 resistor.
15
CMDVCCB
I
VDD
Activation sequence command input; The activation sequence starts by signal
input (HL) from the host
16
GND
S
GND
GND
*Capacitors to be connected to VDD, VDDP and VCC should be placed immediately next to the pins (ESR<100m
).


Similar Part No. - BD8918FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8918FV ROHM-BD8918FV Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
More results

Similar Description - BD8918FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BD5LL20AEFV-C ROHM-BD5LL20AEFV-C Datasheet
2Mb / 48P
   5ch Low Side Switch with Built-in LDO
13.Jan.2023 Rev.001
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com